Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXPCIE952 Datasheet(PDF) 1 Page - PLX Technology

Part # OXPCIE952
Description  PCI Express to Dual Serial and Parallel Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIE952 Datasheet(HTML) 1 Page - PLX Technology

  OXPCIE952 Datasheet HTML 1Page - PLX Technology OXPCIE952 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXPCIe952, PCI Express to Dual Serial and Parallel Port
Highlights
General Features
o
Dual UART or single UART plus IEEE1284 parallel
port configurations
o
PCIe x1 end-point
-
Integrated 2.5 GT/s SerDes
o
11 x 11mm
2, 120-pin TFBGA package
o
Typical Power: 200 mWatts
Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1 (backwards
compatible with PCIe r1.0a)
-
PCI Power Management Spec, r1.2
-
ExpressCard, Mini Card & AIC compatible
-
MSI/MSI-X compatible
-
ASPM (L0S, L1) Link power management
o
High Performance
-
PLX’s Oxford 950 UART
-
DMA/bus mastering of both UARTs
-
Asynchronous baud rates up to 15 Mbps
-
128-byte deep transmit/receive FIFO
-
9, 8, 7, 6 & 5-bit data framing
-
Automated in & out-of-band flow control
-
Advanced FIFO fill management
-
IEEE1284, SPP/EPP/ECP compliant parallel port
o
Flexibility
-
RS232, RS422, RS485 and IrDA operation
-
Flexible clock pre-scaler from 1 to 31.875
-
Programmable RS485 Turn-around delay
-
450 through 950 software compatibility
-
8 user-configurable GPIOs/PWMs
-
Device parameters configurable via EEPROM
-
1.8V, 2.5V or 3.3V UART & GPIO I/O voltage
o
Robust Operation
-
Operation from a single 3.3 V supply
-
Industrial temperature range -40°C to 85°C
o
Broad Device Driver Support
-
Windows Vista/XP/2K
-
WinCE 4.2/5.0/6.0
-
Linux 2.4/2.6
Part of the Expresso family of high performance PCI
Express devices, the OXPCIe952 is a single chip dual
serial and parallel port device in a range of 2, 4 & 8
port solutions, that includes the OXPCIe954 &
OXPCIe958.
Incorporating PLX Technology’s ultra high
performance Oxford 950 UART technology, the
device combines outstanding system performance
with unrivalled flexibility for even the most
demanding of serial applications.
Complete with the Oxide development tools and
certified device drivers, the OXPCIe952 is easy to
design-in and the ideal connectivity solution for a
diverse range of products including: PC Add-on
Cards, Industrial PC, Point of Sale Terminals,
Industrial Control, Building Automation and Network
Management.
Accelerate your product development and time to
market with Oxide and PLX Technology’s easy to
design-in, high performance serial connectivity
solutions that just work.
© PLX Technology, www.plxtech.com
Page 1 of 2
4/29/2009, Version 1.00


Similar Part No. - OXPCIE952

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
OXPCIe954-FBAG PLX-OXPCIe954-FBAG Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
OXPCIe958-FBAG PLX-OXPCIe958-FBAG Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
More results

Similar Description - OXPCIE952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU0808 PHILIPS-CBTU0808 Datasheet
91Kb / 16P
Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
PCI Express to 2-Port Serial ATA II Host Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
PLX Technology
OXPCIE840 PLX-OXPCIE840 Datasheet
153Kb / 2P
PCI Express to Parallel Port
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
OXUPCI952 PLX-OXUPCI952 Datasheet
493Kb / 3P
Universal PCI bridge to dual serial and parallel port
OXUPCI954 PLX-OXUPCI954 Datasheet
505Kb / 3P
Universal PCI bridge to quad serial and parallel port
logo
NXP Semiconductors
CBTU0808 NXP-CBTU0808 Datasheet
104Kb / 17P
Dual lane PCI Express port multiplexer
Rev. 02-6 September 2007
logo
Moxa Inc.
CP-168EL-A MOXA-CP-168EL-A Datasheet
966Kb / 3P
8-port RS-232 PCI Express serial boards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com