Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8604 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8604
Description  Flexible & Versatile 4-lane 4-port PCI Express Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8604 Datasheet(HTML) 3 Page - PLX Technology

  PEX8604 Datasheet HTML 1Page - PLX Technology PEX8604 Datasheet HTML 2Page - PLX Technology PEX8604 Datasheet HTML 3Page - PLX Technology PEX8604 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(PCIe to PCI bridge). The four ports in the PEX8604 provide
connectivity between the processor to up to three peripherals
each via an x1 connection. This usage model provides
connectivity within a set top box between the control
processor and the various endpoints.
Figure 3. Set Top Box
Mobile Wireless Adaptor
PEX 8604 devices can be used in applications where low
power consumption is of importance as is the case in mobile
applications. An example of a mobile wireless adapter card is
shown in Figure 4.
Figure 4. Mobile Wireless Adaptor
Embedded Mezzanine Module
The PEX 8604 is well suited for mezzanine module
applications. Figure 5 shows that the mezzanine card has a
local processor and a local PCIe hierarchy with the PEX8604
and multiple endpoints. Additionally, the non-transparent
port in the PEX8604 allows the mezzanine to interface with
the main CPU in the Baseboard as well as other mezzanine
modules.
Figure 5. PCI Express Mezzanine Module
Intelligent Adapter Card
The PEX 8604 supports the non-transparency feature.
Figure 6 illustrates a host system using an intelligent adapter
card.
Figure 6. Intelligent Adapter Usage
In this figure, the CPU on the adapter card is isolated from the
host CPU. The PEX 8604 non-transparent port allows the two
CPUs to be isolated but communicate with each other through
various registers that are designed in the PEX 8604 for that
purpose. The host CPU can dynamically re-assign both the
upstream port and the non-transparent port of PEX 8604
allowing the system to be reconfigured.
Active-Standby Failover Model
The PEX 8604 supports applications requiring dual host, host
failover applications through the non-transparency (NTB)
feature. Figure 7 illustrates a dual host system with an active
and standby processor configuration.
The redundancy of the host and the fabric can be achieved
through many possible configurations using NTB function of
PEX 8604. In the configuration shown below Processor A is
the primary active host of the PCI Express system. Processor
B acts as the backup Host. In the case of a failure on Processor
A, application software is instructed to migrate the PCI
Express system to Processor B. Consequently, Processor B
becomes the active host and Processor A can be replaced as
the backup Host.
Figure 7. Active-Standby Control Plane



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com