Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8606 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8606
Description  PCIe Gen2, 5.0 GT/s 6-lane 6-port PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8606 Datasheet(HTML) 3 Page - PLX Technology

  PEX8606 Datasheet HTML 1Page - PLX Technology PEX8606 Datasheet HTML 2Page - PLX Technology PEX8606 Datasheet HTML 3Page - PLX Technology PEX8606 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Docking Station Application
The PEX 8606 is ideal for IO expansion applications. The
support for SSC isolation as well as its low power
consumption makes it an ideal candidate for peripheral
expansion. Figure 3 below shows a block diagram for a
docking station. With PCI Express slots, the IO subsystem
can be expanded in order to extend the peripheral capabilities
of a notebook PC.
.
Figure 3. Docking Station
Control Planes for Large Systems
Control for larger systems can be accomplished with a bigger
switch. However, in many cases where multiple PCIe ports
are available on the CPU, multiple switches can be used in
order to balance the traffic as shown in Figure 4.
Figure 4. Control Planes for Large Systems
Embedded Control Planes
The PEX 8606 is well suited for embedded control plane
applications. An example of such application is a packet
processing module, as shown in Figure 5. In this example, the
FPGAs and ASICs implement an x1 PCI Express Interface.
With its high port count, the PEX 8606 can provide
connectivity to a high number of FPGAs and ASICs for a
robust packet processing communications sub-system.
Figure 5. Packet Processing Module
Intelligent Adapter Card
The PEX 8606 supports the non-transparency feature.
Figure 6 illustrates a host system using an intelligent adapter
card.
Figure 6. Intelligent Adapter Usage
In this figure, the CPU on the Mezzanine card is isolated from
the host CPU. The PEX 8606 non-transparent port allows the
two CPUs to be isolated but communicate with each other
through various registers that are designed in the PEX 8606
for that purpose. The host CPU can dynamically re-assign
both the upstream port and the non-transparent port of
PEX 8606 allowing the system to be reconfigured.
Active-Standby Failover Model
The PEX 8606 supports applications requiring dual host, host
failover applications through the non-transparency feature.
Figure 7 illustrates a dual host system with an active and
standby processor configuration.
The redundancy of the host and the fabric can be achieved
through many possible configurations using NTB function of
PEX 8606. In the configuration shown below Processor A is
the primary active host of the PCI Express system. Processor
B acts as the backup Host. In the case of a failure on Processor
A, application software is instructed to migrate the PCI
Express system to Processor B. Consequently, Processor B
becomes the active host and Processor A can be replaced as
the backup Host.
Figure 7. Active-Standby Host Mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com