Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8613 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8613
Description  PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8613 Datasheet(HTML) 4 Page - PLX Technology

  PEX8613 Datasheet HTML 1Page - PLX Technology PEX8613 Datasheet HTML 2Page - PLX Technology PEX8613 Datasheet HTML 3Page - PLX Technology PEX8613 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Software Usage Model
Development Tools
From a system model viewpoint, each PCI Express port
is a virtual PCI to PCI bridge device and has its own set
of PCI Express configuration registers. It is through the
upstream port that the BIOS or host can configure the
other ports using standard PCI enumeration. The virtual
PCI to PCI bridges within the PEX 8613 are compliant
to the PCI and PCI Express system models. The
Configuration Space Registers (CSRs) in a virtual
primary/secondary PCI to PCI bridge are accessible by
type 0 configuration cycles through the virtual primary
bus interface (matching bus number, device number, and
function number).
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a
hardware module (PEX 8613BA-AIC 4U4D RDK),
hardware documentation, and a Software Development
Kit (available at www.plxtech.com).
ExpressLane PEX 8613BA-AIC4U4D RDK
The PEX 8613RDK is a hardware module containing the
PEX 8613 which plugs right into your system. The PEX
8613RDK can be used to test and validate customer
software, or used as an evaluation vehicle for PEX 8613
features and benefits. The PEX 8613RDK provides
everything that a user needs to get their hardware and
software development started. For more information,
please refer to the PEX 8613RDK Product Brief.
Interrupt Sources/Events
The PEX 8613 switch supports the INTx interrupt
message type (compatible with PCI 2.3 Interrupt signals)
or Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by PEX 8613 for Hot-
Plug events, doorbell interrupts, baseline error reporting,
and advanced error reporting.
Software Development Kit (SDK)
PLX’s Software Development Kit is available for
download at www.plxtech.com/sdk. The software
development kit includes drivers, source code, and GUI
interfaces to aid in configuring and debugging the
PEX 8613. For more information, please refer to the
PEX 8613RDK Product Brief.
Product Ordering Information
Part Number
Description
PEX8613-BA50BC
PLX Technology, Inc.
12-Lane, 3-Port PCI Express Switch (19x19mm
2)
PEX8613-BA50BC G
12-Lane, 3-Port PCI Express Switch, Pb-Free (19x19mm
2)
PEX8613BA-AIC4U4D RDK
PEX 8613 Rapid Development Kit
Please visit the PLX Web site at http://www.plxtech.com for sampling.
870 Maude Ave.
Sunnyvale, CA 94085 USA
info@plxtech.com
www.plxtech.com
© 2009 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
PEX8613-SIL-PB-1.1
5/09



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com