Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8617 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8617
Description  PCIe Gen 2, 5.0GT/s 16-lane, 4-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8617 Datasheet(HTML) 3 Page - PLX Technology

  PEX8617 Datasheet HTML 1Page - PLX Technology PEX8617 Datasheet HTML 2Page - PLX Technology PEX8617 Datasheet HTML 3Page - PLX Technology PEX8617 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
x4
x4
CPU
CPU
CPU
CPU
PEX 8617
x4
Memory
x16
x16
x4
Chipset
Endpoint
PCIe Gen1 or PCIe Gen2 slots
Endpoint
Figure 3. Fan-in/out Usage
Network Interface Cards
The PEX 8617 can also be utilized in communications
applications such as Network Interface Cards (NICs).
NICs, like the one shown in Figure 4, can utilize the
PEX 8617 for its fan-out capabilities. In the example
below, the PEX 8617 is being used on a Dual-port 10-
Gigabit Ethernet (GE) NIC card. The PEX 8617 utilizes
a x8 link to connect to the host and two x4 downstream
links to fan-out to the 10GE ports. The peer-to-peer
communication feature of the PEX 8617 allows the
endpoints to communicate with each other without any
intervention or management by the host.
10 GE
10 GE
MAC/PHY
MAC/PHY
x8
x4
x4
Dual-Port NIC
PEX 8617
Figure 4. 10GE NIC Fan-Out
Host Bus Adapters
The PEX 8617 is well suited for Host Bus Adapter cards
(HBAs) as well. Figure 5 shows a Quad-Port Fibre
Channel HBAs utilizing the PEX 8617 to allow
connectivity to two Fibre Channel (FC) controllers. The
PEX 8617 uses a x8 link on the upstream port and two
x4 downstream links to fan-out to the FC Controllers
Each FC controller supports two FC ports.
x8
x4
x4
Quad-Port FC HBA
PEX 8617
FC
FC
FC Cont.
FC
FC
FC Cont.
Figure 5. Quad-Port Fibre-Channel HBA
Failover Storage Systems
The PEX 8617’s Dual Cast feature proves to be very
useful in storage systems. In the example shown in
Figure 6, the Dual Cast feature enables the PEX 8617 to
copy data going to its two downstream ports to the
backup system and vice versa (see yellow traffic
patterns) in one transaction as opposed to having to
execute two separate transactions to send data to the
redundant chassis. By offloading the task of backing up
data onto the secondary system, processor and system
performance is enhanced. Non-Transparent (NT) ports
are used to isolate the host domains of the backup
system from the primary system.
x4
CPU
CPU
CPU
CPU
Memory
Chipset
CPU
CPU
CPU
CPU
x4
PEX 8617
NT
Memory
Chipset
8 Disk Chassis
PEX 8617
8 Disk Chassis
FC
Control
FC
Control
FC
Control
FC
Control
NT
PEX 8617
NT
x4
x4
x4
x4
x4
x4
x4
x4
x4
Backup
System
PEX
8617
Figure 6. Dual Cast in Storage Systems



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com