Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34845
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
COMPONENTS CALCULATION
The following formulas are intended for the calculation of
all external components related with the boost converter and
network compensation.
In order to calculate the Duty Cycle, the internal losses of
the MOSFET and Diode should be taken into consideration:
The average input current depends directly on the output
current when the internal switch is off.
Inductor
For calculating the Inductor, consider the losses of the
internal switch and winding resistance of the inductor:
It is important to look for an inductor rated at least for the
maximum input current:
Input Capacitor
The input capacitor should handle at least the following
RMS current.
Output Capacitor
For the output capacitor selection the transconductance
should be taken in consideration.
The output voltage ripple (ΔVOUT) depends on the ESR of
the Output capacitor. For a low output voltage ripple, it is
recommended to use ceramic capacitors that have a very low
ESR. Since ceramic capacitor are costly, electrolytic or
tantalum capacitors can be mixed with ceramic capacitors for
a less expensive solution.
The output capacitor should at least handle the following
RMS current.
Network Compensation
Since this Boost converter is current controlled, a Type II
compensation is needed.
Note that before calculating the network compensation, all
boost converter components need to be known.
For this type of compensation it is recommended to push
out the Right Half Plane Zero to higher frequencies where it
will not significantly affect the overall loop.
The crossover frequency must be set much lower than the
location of the Right half plane zero:
Since our system has a fixed slope compensation, RCOMP
should be fixed for all configurations, i.e. RCOMP = 8.2 Kohm
CCOMP1 and CCOMP2 should be calculated as follows:
The recommended values of these capacitors for an
acceptable performance of the system in different operating
conditions are Ccomp1=2.2nF and Ccomp2=56pF.
In order to improve the transient response of the boost a
resistor divider has been implemented from the PWM pin to
ground with a connection to the compensation network. This
configuration should inject a 1V signal to the COMP pin and
the equivalent Thevenin resistance of the divider is close to
RCOMP, i.e. 10k
Ω and 39kΩ.
If a faster transient response is needed, a higher voltage
(e.g. 1.3V) should be injected to the COMP pin; so the
resistor divider should be modified accordingly but keeping
the equivalent Thevenin resistance of the divider close to
RCOMP.
D
VOUT VD VIN
–
+
VOUT VD VSW
–
+
-----------------------------------------------
=
IIN AVG
–
IOUT
1D
–
-------------
=
L
VIN VSW
–IIN AVG
–
RINDUCTOR
×
()
–
() D
×
IIN AVG
–
r
×
FSW
×
------------------------------------------------------------------------------------------------------------------
=
IIN MAX
–
IIN AVG
–
VIN VOUT VIN
–
()
×
2L
×
FSW
×
VOUT
×
---------------------------------------------------------
+
=
IRMS C
IN
–
VIN VOUT VIN
–
()
×
2L
×
FSW
×
VOUT
×
---------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
0.3
×
=
COUT
RCOMP 5
×
GM
×
IOUT
×
L
×
1D
–
() VOUT
×
0.35
×
-------------------------------------------------------------------------------
=
ESRC
OUT
VOUT ΔVOUT
×
FSW
×
L
×
VOUT 1D
–
()
×
---------------------------------------------------------------------------
=
IRMS C
OUT
–
IOUT
D
1D
–
-------------
×
=
fRHPZ
VOUT 1D
–
()
2
×
IOUT 2π
×
L
×
---------------------------------------------
=
fCROSS
fRHPZ
5
---------------
=
CCOMP1
2
2
π fCROSS
×
COMP
R
×
----------------------------------------------------------------
=
CCOMP2
GM
6.28 FSW
×
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com