Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845B Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34845B
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845B Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34845B Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34845
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations
Characteristic
Symbol
Min
Typ
Max
Unit
Boost Switch Current Limit
34845, 34845A
34845B
IBOOST_LIMIT
1.9
2.1
2.1
2.35
2.3
2.6
A
Switching Frequency
34845
34845A
34845B
fS
540
1080
270
600
1200
300
660
1320
330
kHz
Slope Compensation
34845
34845A
34945B
VSLOPE
-
-
-
0.52
0.73
0.22
-
-
-
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com