Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33926 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33926_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33926_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33926
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
device circuitry is fully operational and the supply
IPWR(STANDBY) current is reduced to a few mA. Refer to Table
3, Static Electrical Characteristics, page 7.
H-BRIDGE OUTPUT (OUT1, OUT2)
These pins are the outputs of the H-Bridge with integrated
freewheeling diodes. The bridge output is controlled using
the IN1, IN2, D1, and D2 inputs. The outputs have PWM
current limiting above the ILIM threshold. The outputs also
have thermal shutdown (tri-state latch-OFF) with hysteresis
as well as short-circuit latch-OFF protection.
A disable timer (time tB) is incorporated to distinguish
between load currents that are higher than the ILIM threshold
and short-circuit currents. This timer is activated at each
output transition.
CHARGE PUMP CAPACITOR (CCP)
This pin is the charge pump output pin and connection for
the external charge pump reservoir capacitor. The allowable
value is from 30 nF to 100 nF. This capacitor must be
connected from the CCP pin to the VPWR pin. The device
cannot operate properly without the external reservoir
capacitor.
ENABLE INPUT (EN)
The EN pin is used to place the device in a Sleep mode so
as to consume very low currents. When the EN pin voltage is
a logic LOW state, the device is in Sleep mode. The device is
enabled and fully operational when the EN pin voltage is in
logic HIGH. An internal pulldown resistor maintains the
device in Sleep mode in the event EN is driven through a
high-impedance I/O, or an unpowered microcontroller, or the
EN input becomes disconnected.
FEEDBACK (FB)
The 33926 has a feedback output (FB) for “real time”
monitoring of H-Bridge high-side output currents to facilitate
closed-loop operation for motor speed and torque control.
The FB pin provides current sensing feedback of the
H-Bridge high side drivers. When running in the forward or
reverse direction, a ground-referenced 0.24% of load current
is output to this pin. Through the use of an external resistor to
ground, the proportional feedback current can be converted
to a proportional voltage equivalent and the controlling
microcontroller can “read” the current proportional voltage
with its analog-to-digital converter (ADC). This is intended to
provide the user with only first-order motor current feedback
for motor torque control. The resistance range for the linear
operation of the FB pin is 100 <RFB <300 Ω.
If PWM-ing is implemented using the disable pin inputs
(either D1 or D2), a small filter capacitor (~1.0 µF) may be
required in parallel with the RFB resistor to ground for spike
suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com