Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33926 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33926
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Introduction
This thermal addendum is provided as a supplement to the 33926 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the datasheet.
Packaging and Thermal Considerations
The 33926 is offered in a 32 pin PQFN, single die package. There is a single
heat source (P), a single junction temperature (TJ), and thermal resistance (RθJA).
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not meant
to, and will not predict the performance of a package in an application-specific
environment. Stated values were obtained by measurement and simulation
according to the standards listed below.
STANDARDS
Figure 15. Surface Mount for Power PQFN
with Exposed Pads
32-PIN
PQFN
33926
PNB SUFFIX
98ARL10579D
32-PIN PQFN
8.0 mm x 8.0 mm
Note For package dimensions, refer to
the 33926 data sheet.
TJ
=
RθJA . P
Table 6. Thermal Performance Comparison
Thermal Resistance
[
°C/W]
RθJA
(1),(2)
28
RθJB
(2),(3)
12
RθJA
(1), (4)
80
RθJC
(5)
1.0
Notes
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-5 and
JESD51-7.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the center lead.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad surface; cold plate attached to the package
bottom side, remaining surfaces insulated.
1.0
1.0
0.2
0.2
* All measurements
are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com