Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982B Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33982B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33982
PIN CONNECTIONS
11
SO
Output
Serial Output
This output pin is connected to the SPI Serial Data Input pin of the MCU
or to the SI pin of the next device in a daisy chain of devices.
12
NC
NC
No Connect
This pin may not be connected.
13
GND
Ground
Ground
This pin is the ground for the logic and analog circuitry of the device.
14
VPWR
Input
Positive Power
Supply
This pin connects to the positive power supply and is the source input of
operational power for the device.
15, 16
HS
Output
High Side Output
Protected high side power output to the load. Output pins must be
connected in parallel for operation.
Table 2. Pin Definitions (continued)
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 16.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com