Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33982BPNA/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33982BPNA/R2
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33982BPNA/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33982BPNA/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33982
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
Output Over-current High Detection Levels (9.0 V < VPWR < 16 V)
SOCH = 0
SOCH = 1
IOCH0
IOCH1
120
80
150
100
180
120
A
Over-current Low Detection Levels (SOCL[2:0])
000
001
010
011
100
101
110
111
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
41
36
32
29
25
20
16
12
50
45
40
35
30
25
20
15
59
54
48
41
35
30
24
18
A
Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V)
DICR D2 = 0
DICR D2 = 1
CSR0
CSR1
–
–
1/5400
1/40000
–
–
–
Current Sense Ratio (CSR0) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
CSR0_ACC
-20
-14
-13
-12
-13
-13
–
–
–
–
–
–
20
14
13
12
13
13
%
Current Sense Ratio (CSR1) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
CSR1_ACC
-25
-19
-18
-17
-18
-18
–
–
–
–
–
–
25
19
18
17
18
18
%
Current Sense Clamp Voltage
CSNS Open, IHS = 59.0 A
VCL(CSNS)
4.5
6.0
7.0
V
Current Sense Leakage(11)
IN=1 with OUT opened of load or IN=0
ILEAK(CSNS)
010
20
μA
Open Load Detection Current(12)
IOLDC
30
–
100
μA
Output Fault Detection Threshold
Output Programmed OFF
VOLD(THRES)
2.0
3.0
4.0
V
Notes
11.
This parameter is achieved by the design characterization by measuring a statistically relevant sample size across process variations
but, not tested in production.
12.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open load condition when the specific output is commanded OFF.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com