Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5271 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF5271
Description  Integrated Microprocessor Hardware Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5271 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5271 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5271 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 4
Freescale Semiconductor
21
6
XTAL Load Capacitance5
530
pF
7
PLL Lock Time 5, 7,13
tlpll
—750
μs
8
Power-up To Lock Time 5, 6,8
With Crystal Reference (includes 5 time)
Without Crystal Reference9
tlplk
—
—
11
750
ms
μs
9
1:1 Mode Clock Skew (between CLKOUT
and EXTAL) 10
tskew
–1
1
ns
10
Duty Cycle of reference 5
tdc
40
60
%
11
Frequency un-LOCK Range
fUL
–3.8
4.1
% fsys/2
12
Frequency LOCK Range
fLCK
–1.7
2.0
% fsys/2
13
CLKOUT Period Jitter, 5, 6, 8,11, 12
Measured at fsys/2 Max
Peak-to-peak Jitter (Clock edge to clock
edge)
Long Term Jitter (Averaged over 2 ms
interval)
Cjitter
—
—
5.0
.01
% fsys/2
14
Frequency Modulation Range Limit13,14
(fsys/2 Max must not be exceeded)
Cmod
0.8
2.2
%fsys/2
15
ICO Frequency. fico = fref × 2 × (MFD+2)
15
fico
48
150
MHz
1
All values given are initial design targets and subject to change.
2
All internal registers retain data at 0 Hz.
3
“Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL
into self clocked mode.
4
Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls
below fLOR with default MFD/RFD settings.
5
This parameter is guaranteed by characterization before qualification rather than 100% tested.
6
Proper PC board layout procedures must be followed to achieve specifications.
7
This specification applies to the period required for the PLL to relock after changing the MFD frequency
control bits in the synthesizer control register (SYNCR).
8
Assuming a reference is available at power up, lock time is measured from the time VDD and VDDSYN are
valid to RSTOUT negating. If the crystal oscillator is being used as the reference for the PLL, then the
crystal start up time must be added to the PLL lock time to determine the total start-up time.
9
tlpll = (64 * 4 * 5 + 5 τ) Tref, where Tref = 1/Fref_crystal = 1/Fref_ext = 1/Fref_1:1, and τ = 1.57x10
-6 2(MFD +
2).
10 PLL is operating in 1:1 PLL mode.
11 Jitter is the average deviation from the programmed frequency measured over the specified interval at
maximum fsys/2. Measurements are made with the device powered by filtered supplies and clocked by a
stable external clock signal. Noise injected into the PLL circuitry via VDDSYN and VSSSYN and variation in
crystal oscillator frequency increase the Cjitter percentage for a given interval.
12 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of
Cjitter+Cmod.
13 Modulation percentage applies over an interval of 10
μs, or equivalently the modulation rate is 100KHz.
14 Modulation rate selected must not result in f
sys/2 value greater than the fsys/2 maximum specified value.
Modulation range determined by hardware design.
15 f
sys/2 = fico / (2 * 2
RFD)
Table 10. HiP7 PLLMRFM Electrical Specifications1 (continued)
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com