Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PEF0VLL7R Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC5604PEF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEF0VLL7R Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEF0VLL7R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5604PEF0VLL7R Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
6
Document revision history
Table 40 summarizes revisions to this document.
Table 40. Revision history
Revision
Date
Substantive changes
Rev. 1
8/2008
Initial release
Rev. 2
11/2008
Table 4:
TDO and TDI pins (Port pins B[4:5] are single function pins.
Table 8, Table 9:
Thermal characteristics added.
Table 11, Table 12:
EMI testing specifications split into separate tables for Normal mode and Airbag mode;
data to be added in a later revision.
Table 16, Table 17, Table 19, Table 20:
Supply current specifications split into separate tables for Normal mode and Airbag mode;
data to be added in a later revision.
Table 19:
•Values for IOL and IOH (in Conditions column) changed.
•
Max values for VOH_S, VOH_M, VOH_F and VOH_SYM deleted.
•VILR max value changed.
•IPUR min and max values changed.
Table 23:
Sensitivity value changed.
Table 30:
Most values in table changed.
Rev. 3
2/2009
•
Description of system requirements, controller characteristics and how
controller characteristics are guaranteed updated.
•
Electrical parameters updated.
•
EMI characteristics are now in one table; values have been updated.
•
ESD characteristics are now in one table.
•
Electrical parameters are identified as either system requirements or controller
characteristics. Method used to guarantee each controller characteristic is noted
in table.
•
AC Timings: 1149.1 (JTAG) Timing, Nexus Timing, External Interrupt Timing,
and DSPI Timing sections deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com