Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG3392-R1-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LEG3392-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LEG3392-R1-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LEG3392-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LEG3392-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Soldering
Soldering Iron:30W Max
Temperature 300¢XC Max
Soldering Time:3 Seconds Max
Distance:2mm Min(From solder
joint to case)
Dip Soldering
Preheat: 120¢XC Max
Preheat time: 120 seconds Max
Ramp-up:2¢XC/sec(max)
Ramp-Down:2¢XC/sec(max)
Solder Bath:245¢XC Max
Dipping Time:5 seconds Max
Distance:2mm Min(From solder
joint to case)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering
Soldering Iron:30W Max
Temperature:350 ¢XCMax
Soldering Time:3seconds Max
Distance:2mm Min(From solder
joint to case)
Dip Soldering
Preheat: 120¢XC Max
Preheat time: 120seconds Max
Ramp-up:2¢XC/sec(max)
Ramp-Down:2¢XC/sec(max)
Solder Bath:265¢XC Max
Dipping Time:5 seconds Max
Distance:2mm Min(From solder
joint to case)
2. PB-Free Wave Solder
120 Seconds Max
120 Seconds Max
Temp(¢XC)
265¢X
120¢X
120¢X
Temp(¢XC)
245
¢X
265¢XC 5sec
Max
2¢X/sec
max
Preheat
2¢X/sec
max
2¢X/sec
max
Time(sec)
245¢XC 5sec
Max
Preheat
2¢X/sec
max
2¢X/sec
max
2¢X/sec
max
Time(sec)
Recommended Soldering Conditions
1. Wave Solder
PART NO. LEG3392/R1-PF
Page 5/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com