Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PEFMLQ Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5604PEFMLQ
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEFMLQ Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEFMLQ Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5604PEFMLQ Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
24
VDD_HV_AD0
4
SR 3.3 V / 5.0 V ADC0 supply and high
reference voltage with respect to
ground (VSS_HV)
VDD_HV_REG <
2.7 V
– 0.3
VDD_HV_REG + 0.3
V
VDD_HV_REG >
2.7 V
– 0.3
6.0
VSS_HV_AD0
SR ADC0 ground and low reference
voltage with respect to ground
(VSS_HV)
—–0.1
0.1
V
VDD_HV_AD1
4
SR 3.3 V / 5.0 V ADC0 supply and high
reference voltage with respect to
ground (VSS_HV)
VDD_HV_REG <
2.7 V
– 0.3
VDD_HV_REG + 0.3
V
VDD_HV_REG >
2.7 V
– 0.3
6.0
VSS_HV_AD1
SR ADC1 ground and low reference
voltage with respect to ground
(VSS_HV)
—–0.1
0.1
V
TVDD
SR Slope characteristics on all VDD during
power up5 with respect to ground
(VSS_HV)
—
0.5 V/µs
3 V/S
—
VIN
SR Voltage on any pin with respect to
ground (VSS_HV_IOx) with respect to
ground (VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
IINJPAD
SR Injected input current on any pin
during overload condition
—–10
10
mA
IINJSUM
SR Absolute sum of all injected input
currents during overload condition
—
–50
50
mA
IVDD_LV
SR Low voltage static current sink through
VDD_LV
——
155
mA
TSTG
SR Storage temperature
—
–55
150
°C
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device
stress have not yet been determined.
3 The difference between each couple of voltage supplies must be less that 300 mV, |V
DD_HV_IOy – VDD_HV_IOx | <
300 mV.
4 The difference between ADC voltage supplies must be less that 300 mV, |V
DD_HV_ADC1 - VDD_HV_ADC0| < 300 mV.
5 Guaranteed by device validation
Table 5. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Min
Max2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com