Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEY35162-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LEY35162-R1
Description  BIPOLAR TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LEY35162-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LEY35162-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LEY35162-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LEY35162-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LEY35162-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LEY35162-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LEY35162-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
GaAsP/GaP
LEY35162/R1
Orange
White Diffused
45
635
1.7
2.6
50
5.0
3.0
Typical Electrical & Optical Characteristics (Ta=25 ℃)
MATERIAL
PART NO
Emitted
Lens
COLOR
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λ
nm
Peak
wave
length
λPnm
Min. Max.
Luminous
intensity
@10mA(mcd)
Viewing
angle
2θ 1/2
(deg)
Typ.
Min.
Soldering Temperature
Tsol
Max 260℃ for 5 sec Max
(2mm from body)
Peak Forward Current
Duty 1/10@10KHz
Ir
Reverse Current @5V
Operating Temperature
Storage Temperature
Tstg
Topr
Power Dissipation
PD
IFP
10
μA
-40°C ~ +100°C
-40°C ~ +85°C
℃
℃
100
120
mW
mA
Absolute Maximum Ratings at Ta=25 ℃
Parameter
Forward Current
IF
Symbol
Ratings
30
E
mA
UNIT
PART NO. LEY35162/R1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
Y
20
80
60
10
GaAsP/GaP Yellow
585
35
1.7
2.6
3.0
8.0
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com