Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R064 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R064
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R064 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R064 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
HIRC
(MHz)
RTC
(LXT)
LCD
SCOM
A/D
PWM
PFD Stack
Package
HT46R064
1K
´14
64
´8
18
1
1
4/8/12
Ö¾
12-bit
´4 8-bit´1
Ö
4
16DIP/NSOP,
20DIP/SOP/SSOP
HT46R065
2K
´15
96
´8
22
2
1
4/8/12
Ö
4
12-bit
´4 8-bit´1
Ö
6
16DIP/NSOP,
20DIP/SOP/SSOP,
24SKDIP/SOP/SSOP
HT46R066
4K
´15
128
´8
26
2
1
4/8/12
Ö
4
12-bit
´8 8-bit´2
Ö
6
16DIP/NSOP,
20DIP/SOP/SSOP,
24/28SKDIP/SOP/SSOP
HT46R0662
4K
´15
224
´8
42
2
1
4/8/12
Ö (*)
4
12-bit
´8 8-bit´2
Ö
6
24/28SKDIP/SOP/SSOP,
44QFP
HT46R067
8K
´16
384
´8
42
3
1
4/8/12
Ö (*)
4
12-bit
´8 8-bit´3
Ö
8
24/28SKDIP/SOP/SSOP,
44QFP
Note:
²*² the oscillator is connected to the XT1/XT2 pins with TinyPowerTM design.
Block Diagram
The following block diagram illustrates the main functional blocks.
HT46R064/065/066/0662/067
Rev. 1.10
2
June 9, 2009
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
L C D
S C O M
P F D
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
A / D
C o n v e r t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com