Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48F06E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48F06E Datasheet HTML 1Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 2Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 3Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 4Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
8-bit
Timer
Interrupt
PFD Stack
Package Types
Ext. Int.
HT48F06E 2.2V~5.5V
1K
´14
64
´8
128
´8
13
1
1
1
Ö
2
16NSOP, 18DIP/SOP,
20SSOP
HT48F10E 2.2V~5.5V
1K
´14
64
´8
128
´8
19
1
1
1
Ö
4
24SKDIP/SOP/SSOP
HT48F30E 2.2V~5.5V
2K
´14
96
´8
128
´8
23
1
1
1
Ö
4
24SKDIP/SOP/SSOP,
28SKDIP/SOP/SSOP
Note:
For devices that exist in more than one package formats, the table reflects the situation for the larger package.
Block Diagram
Pin Assignment
HT48F06E/HT48F10E/HT48F30E
Rev. 1.60
2
July 29, 2009
8 - b i t
T i m e r
P r o g r a m m a b l e
F r e q u e n c y G e n e r a t o r
S t a c k
R C / C r y s t a l
O s c i l l a t o r
I / O
P o r t s
R A M D a t a
M e m o r y
I n - c i r c u i t
P r o g r a m m i n g C i r c u i t r y
E E P R O M
D a t a M e m o r y
F l a s h P r o g r a m
M e m o r y
8 - b i t
R I S C C o r e
I n t e r r u p t
C o n t r o l l e r
R e s e t
C i r c u i t
W a t c h d o g
T i m e r
L o w V o l t a g e
R e s e t
W a t c h d o g T i m e r
O s c i l l a t o r
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Program Memory and Data Memory capacity, I/O count, stack size and package types. The
functional differences between the devices are shown in the following table.
H T 4 8 F 0 6 E
2 0 S S O P - A
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 1 / T M R
N C
P A 3
P A 2
P A 1
P A 0
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P C 0 / I N T
N C
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 1 / T M R
P A 3
P A 2
P A 1
P A 0
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P C 0 / I N T
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
H T 4 8 F 0 6 E
1 8 D I P - A / S O P - A
H T 4 8 F 1 0 E
2 4 S K D I P - A / S O P - A / S S O P - A
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
P B 6
P B 7
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 2
P C 1 / T M R
P B 5
P B 4
P A 3
P A 2
P A 1
P A 0
P B 3
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P C 0 / I N T
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
P B 6
P B 7
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 5
P C 4
P C 3
P C 2
P B 5
P B 4
P A 3
P A 2
P A 1
P A 0
P B 3
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P G 0 / I N T
P C 0 / T M R
P C 1
H T 4 8 F 3 0 E
2 8 S K D I P - A / S O P - A / S S O P - A
H T 4 8 F 3 0 E
2 4 S K D I P - A / S O P - A / S S O P - A
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
P B 6
P B 7
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 2
P C 0 / T M R
P B 5
P B 4
P A 3
P A 2
P A 1
P A 0
P B 3
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P G 0 / I N T
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 4 8 F 0 6 E
1 6 N S O P - A
P A 3
P A 2
P A 1
P A 0
P B 0 / B Z
V S S
P C 0 / I N T
P C 1 / T M R
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com