Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2R3FDNN Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL2R3FDNN
Description  Property of Lite-On Only
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3FDNN Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL2R3FDNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3FDNN Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
  
       
Electrical / Optical Characteristics at TA=25



 (H Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
2R3JDDNN
3.8
7.2
2R3JRDNN
3.8
8.0
2R3JEDNN
3.8
10.6
2R3JFDNN
3.8
10.6
2R3JYDNN
3.8
10.6
2R3JSDNN
3.8
10.6
Luminous
Intensity
Iv
2R3JGDNN
3.8
10.6
mcd
IF = 2mA
Note 1
Note 2
Viewing Angle
2
θ1/2
45
deg
Note 3 (Fig.5)
2R3JDDNN
650
2R3JRDNN
639
2R3JEDNN
632
2R3JFDNN
611
2R3JYDNN
595
2R3JSDNN
588
Peak Emission
Wavelength
λP
2R3JGDNN
575
nm
Measurement
@ peak (Fig.1)
2R3JDDNN
639
2R3JRDNN
632
2R3JEDNN
624
2R3JFDNN
605
2R3JYDNN
592
2R3JSDNN
587
Dominant
Wavelength
λd
2R3JGDNN
572
nm
Note 5
2R3JDDNN
20
2R3JRDNN
20
2R3JEDNN
20
2R3JFDNN
17
2R3JYDNN
15
2R3JSDNN
15
Spectral Line
Half-Width
∆λ
2R3JGDNN
15
nm
2R3JDDNN
1.8
2.4
2R3JRDNN
1.8
2.3
2R3JEDNN
1.8
2.4
2R3JFDNN
1.8
2.4
2R3JYDNN
1.8
2.4
2R3JSDNN
1.8
2.4
Forward Voltage
VF
2R3JGDNN
1.8
2.4
V
IF = 2mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
 
$
   !"



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com