Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R64 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT56R64
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R64 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT56R64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
HT56R64
Rev. 1.40
21
September 8, 2009
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P B 0 / A N 0 ~ P B 7 / A N 7
A C S 2 ~ A C S 0
T o A / D C o n v e r t e r
P C R 2
P C R 1
P C R 0
W e a k
P u l l - u p
A n a l o g
I n p u t
S e l e c t o r
D
Q
C K
S
Q
D
Q
C K
S
Q
P u l l - H i g h
R e g i s t e r
S e l e c t
PB Input/Output Ports
Liquid Crystal Display (LCD) Driver
For large volume applications, which incorporate an
LCD in their design, the use of a custom display rather
than a more expensive character based display reduces
costs significantly. However, the corresponding signals
required, which vary in both amplitude and time, to drive
such a custom display require many special consider-
ations for proper LCD operation to occur. The Holtek
LCD Driver function, with its internal LCD signal gener-
ating circuitry and various options, will automatically
generate these time and amplitude varying signals to
provide a means of direct driving and easy interfacing to
a range of custom LCDs.
LCD Memory
An area of Data Memory is especially reserved for use
by the LCD data. This data area is known as the LCD
Memory. Any data written here will be automatically
read by the internal LCD driver circuits, which will in turn
automatically generate the necessary LCD driving sig-
nals. Therefore any data written into the LCD Memory
will be immediately reflected into the actual LCD display
connected to the microcontroller. The start address of
the LCD Memory is 40H; the end address of the LCD
Memory is 60H.
As the LCD Data Memory addresses overlap those of
the General Purpose Data Memory, the LCD Data Mem-
ory is stored in its own memory data bank, which is dif-
ferent from that of the General Purpose Data Memory.
The LCD Data Memory is stored in Bank 1. The Data
Memory Bank is chosen by using the Bank Pointer,
which is a special function register in the Data Memory,
with the name, BP. When the lowest bit of the Bank
Pointer has the binary value
²0², only the General Pur-
pose Data Memory will be accessed, no read or write
actions to the LCD Memory will take place. To access
the LCD Memory therefore requires first that Bank 1 is
selected by setting the lowest bit of the Bank Pointer to
the binary value
²1². After this, the LCD Memory can
then be accessed by using indirect addressing through
the use of Memory Pointer MP1. With Bank 1 selected,
then using MP1 to read or write to the memory area,
40H~60H, will result in operations to the LCD Memory.
Directly addressing the LCD Memory is not applicable
and will result in a data access to the Bank 0 General
Purpose Data Memory.
The diagrams below are based on 33
´2, 33´3or32´4
format pixel drive capability LCD panels. The 4-COM for-
mat will be automatically setup when the 1/4 duty control
bit is selected while the 3-COM format will be automati-
cally setup if the 1/3 duty control bit is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com