Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT66F20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 224 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity, I/O count, TM
features, stack capacity and package types. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Interrupt
A/D
Timer
Module
Interface
(SPI/I
2
C)
Stack
Package
HT66F20*
2.2V~
5.5V
1K
´14
64
´832´8
18
2
12-bit
´8
10-bit CTM
´1,
10-bit STM
´1
Ö
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
HT66F30
2.2V~
5.5V
2K
´14
96
´864´8
22
2
12-bit
´8
10-bit CTM
´1,
10-bit ETM
´1
Ö
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT66F40
2.2V~
5.5V
4K
´15
192
´8
128
´8
42
2
12-bit
´8
10-bit CTM
´1,
10-bit ETM
´1,
16-bit STM
´1
Ö
8
24/28SKDIP/SOP/SSOP
44QFP, 32/40/48QFN
48SSOP
HT66F50
2.2V~
5.5V
8K
´16
384
´8
256
´8
42
2
12-bit
´8
10-bit CTM
´2,
10-bit ETM
´1,
16-bit STM
´1
Ö
8
28SKDIP/SOP/SSOP
44QFP, 40/48QFN
48SSOP
HT66F60*
2.2V~
5.5V
12K
´16
576
´8
256
´8
50
4
12-bit
´12
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
Ö
12
44/52QFP, 40/48QFN
48SSOP
Note:
²*² Under development, available in 1Q, 2010
As devices exist in more than one package format, the table reflects the situation for the package with the most
pins.
Block Diagram
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
Rev. 1.00
2
November 3, 2009
F l a s h / E E P R O M
P r o g r a m m i n g
C i r c u i t r y ( I S P )
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E R C / H X T
O s c i l l a t o r
1 2 - B i t A / D
C o n v e r t e r
L I R C / L X T
O s c i l l a t o r
H I R C
O s c i l l a t o r
S t a c k
E E P R O M
D a t a
M e m o r y
F l a s h
P r o g r a m
M e m o r y
R A M
D a t a
M e m o r y
I / O
S I M
T M 0
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
T M 1
T M n
C o m p a r a t o r s
T B 0 / T B 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com