Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 210 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
Rev.1.00
115
November 3, 2009
CCRP
CCRA
0x3FF
Counter
Value
CCRA = 0
Counter overflows
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
CCRA > 0 Counter cleared by CCRA value
TPnA O/P Pin
TnON bit
Pause
Counter
Reset
Output Pin
Reset to initial value
Output Pin set
to Initial Level
Low if TnAOC = 0
Output Toggle
with TnAF flag
Here TnAIO1, TnAIO0 = 11
Toggle Output Select
Now TnAIO 1, TnAIO 0 = 10
Act ive High Output Select
Output not aff ected by TnAF flag
remains High until reset by TnON bit
TnPAU bit
Resume
Stop
Time
TnPF not
generated
No TnAF flag
generated on
CCRA overflow
Out put does
not change
CCRA = 0
Output inverts
when TnAPOL is high
TnAPOL bit
TnCCLR = 1; TnAM1, TnAM0 = 00
ETM CCRA Compare Match Output Mode
- TnCCLR = 1
Note:
1. With TnCCLR = 1 the Comparator A match will clear the counter
2. TPnA output pin controlled only by TnAF flag
3. TPnA output pin reset to initial state by TnON rising edge
4. TnPF flags not generated when TnCCLR = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com