Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 119Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 210 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
Rev.1.00
116
November 3, 2009
CCRB
CCRA
0x3FF
Counter
Value
CCRA = 0
Counter overflows
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
CCRA > 0 Counter cleared by CCRA value
TPnB O/P Pin
TnON bit
Pause
Counter
Reset
Output Pin
Reset to initial value
Output Pin set
to Initial Level
Low if TnBOC = 0
Output Toggle
with TnBF flag
Here TnBIO1, TnBIO0 = 11
Toggle Output Select
Now TnBIO 1, TnBIO 0 = 10
Act ive High Output Select
Output not aff ected by TnBF flag
remains High until reset by TnON bit
TnPAU bit
Resume
Stop
Time
No TnAF flag
generated on
CCRA overflow
CCRA = 0
Out put inverts
when TnBPO L is high
TnBPOL bit
TnCCLR = 1; TnBM1, TnBM0 = 00
ETM CCRB Compare Match Output Mode
- TnCCLR = 1
Note:
1. With TnCCLR = 1 the Comparator A match will clear the counter
2. TPnB output pin controlled only by TnBF flag
3. TPnB output pin reset to initial state by TnON rising edge
4. TnPF flags not generated when TnCCLR = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com