Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M9AE Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82M9AE
Description  USB Mouse Encoder 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9AE Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82M9AE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
HT82M9AE/HT82M9AA
Rev. 1.90
9
October 21, 2009
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to set the enable/disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be
set to allow interrupt nesting. If the stack is full, the inter-
rupt request will not be acknowledged, even if the re-
lated interrupt is enabled, until the SP is decremented. If
immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at a specified location in the
program memory. Only the program counter is pushed
onto the stack. If the contents of the register or status
register (STATUS) are altered by the interrupt service
program which corrupts the desired control sequence,
the contents should be saved in advance.
The USB interrupts are triggered by the following USB
events and the related interrupt request flag (USBF; bit
4 of the INTC) will be set.
· Access of the corresponding USB FIFO from PC
· The USB suspend signal from PC
· The USB resume signal from PC
· USB Reset signal
When the interrupt is enabled, the stack is not full and
the external interrupt is active, a subroutine call to loca-
tion 04H will occur. The interrupt request flag (USBF)
and EMI bits will be cleared to disable other interrupts.
When the PC Host access the FIFO of the HT82M9AE/
HT82M9AA, the corresponding request bit of the USR is
set, and a USB interrupt is triggered. So user can easily
decide which FIFO is accessed. When the interrupt has
been served, the corresponding bit should be cleared by
firmware. When the HT82M9AE/HT82M9AA receives a
USB Suspend signal from the Host PC, the suspend line
(bit0 of the USC) of the HT82M9AE/HT82M9AA is set
and a USB interrupt is also triggered.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1=enable; 0=disable)
1
EUI
Controls the USB interrupt (1=enable; 0= disable)
2, 5, 7
¾
Unused bit, read as
²0²
3
ETI
Controls the Timer/Event Counter interrupt (1=enable; 0=disable)
4
USBF
USB interrupt request flag (1=active; 0=inactive)
6
TF
Internal timer/event counter request flag (1:active; 0:inactive)
INTC (0BH) Register
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com