Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V38 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V38
Description  16-Bit CCD/CIS Analog Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V38 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V38 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Information
28-pin SSOP (209mil) Outline Dimensions
· MO-150
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
7.40
¾
8.20
B
5.00
¾
5.60
C
0.22
¾
0.33
C
¢
9.90
¾
10.50
D
¾
2.00
E
¾
0.65
¾
F
0.05
¾¾
G
0.55
¾
0.95
H
0.09
¾
0.21
a
0
°¾
8
°
HT82V38
Rev. 1.00
13
July 23, 2009
2 8
1
1 5
1 4
A
B
C
D
F
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com