Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F40 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT83F40
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F40 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT83F40 Datasheet HTML 25Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 32Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
HT83FXX
Rev. 1.00
29
May 12, 2009
The following gives further explanation of each bit:
¨ SIMEN
The SIMEN bit determines if the I
2C bus is enabled
or disabled. If data is to be transferred or received
on the I
2C bus then this bit must be set high.
The following gives further explanation of each bit:
¨ HCF
The HCF flag is the data transfer flag. This flag will
be zero when data is being transferred. Upon com-
pletion of an 8-bit data transfer the flag will go high
and an interrupt will be generated.
¨ HASS
The HASS flag is the address match flag. This flag
is used to determine if the slave device address is
the same as the master transmit address. If the ad-
dresses match then this bit will be high, if there is no
match then the flag will be low.
¨ HBB
The HBB flag is the I
2C busy flag. This flag will be
high when the I
2C bus is busy which will occur when
a START signal is detected. The flag will be reset to
zero when the bus is free which will occur when a
STOP signal is detected.
¨ HTX
The HTX flag is the transmit/receive mode bit. This
flag should be set high to set the transmit mode and
low for the receive mode.
¨ TXAK
The TXAK flag is the transmit acknowledge flag. Af-
ter the receipt of 8-bits of data, this bit will be trans-
mitted to the bus on the 9th clock. To continue
receiving more data, this bit has to be reset to zero
before further data is received.
¨ SRW
The SRW bit is the Slave Read/Write bit. This bit de-
termines whether the master device wishes to
transmit or receive data from the I
2C bus. When the
transmitted address and slave address match, that
is when the HAAS bit is set high, the device will
check the SRW bit to determine whether it should
be in transmit mode or receive mode. If the SRW bit
is high, the master is requesting to read data from
the bus, so the device should be in transmit mode.
When the SRW bit is zero, the master will write data
to the bus, therefore the device should be in receive
mode to read this data.
¨ RNIC
The RNIC bit is used as I
2C running clock from Inter-
nal or external clock. If this bit is low then I
2C run-
ning using internal clock and it will not wake-up
when I
2C interrupts in the Power Down Mode. If the
bit is high I
2C running using external clock and it will
wake-up when I
2C interrupts in the Power Down
Mode.
¨ RXAK
The RXAK flag is the receive acknowledge flag.
When the RXAK bit has been reset to zero it means
that a correct acknowledge signal has been re-
ceived at the 9th clock, after 8 bits of data have
been transmitted. When in the transmit mode, the
transmitter checks the RXAK bit to determine if the
receiver wishes to receive the next byte. The trans-
mitter will therefore continue sending out data until
the RXAK bit is set to
²1². When this occurs, the
transmitter will release the SDA line to allow the
master to send a STOP signal to release the bus.
S I M C 1 R e g i s t e r
b 7
R e c e i v e a c k n o w l e d g e f l a g
1 : n o t a c k n o w l e d g e d
0 : a c k n o w l e d g e d
I 2 C r u n i n g c l o c k
1 : I 2 C r u n i n g i s n o t u s i n g i n t e r n a l c l o c k
0 : I 2 C r u n i n g i s u s i n g i n t e r n a l c l o c k
M a s t e r d a t a r e a d / w r i t e r e q u e s t f l a g
1 : r e q u e s t d a t a r e a d
0 : r e q u e s t d a t a w r i t e
T r a n s m i t a c k n o w l e d g e f l a g
1 : d o n ' t a c k n o w l e d g e
0 : a c k n o w l e d g e
T r a n s m i t / R e c e i v e m o d e
1 : t r a n s m i t m o d e
0 : r e c e i v e m o d e
I 2 C b u s b u s f l a g
1 : b u s y
0 : n o t b u s y
C a l l i n g a d d r e s s m a t c h e d f l a g
1 : m a t c h e d
0 : n o t m a t c h e d
D a t a t r a n s f e r f l a g
1 : t r a n s f e r c o m p l e t e
0 : t r a n s f e r n o t c o m p l e t e
b 0
H T X
R X A K
S R W
T X A K
H B B
H A A S
H C F
R N I C
I
2C Control Register
- SIMC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com