Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B60 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT86B60
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B60 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT86B60 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
HT86BXX/HT86BRXX
Enhanced Voice 8-Bit MCU
Rev. 1.60
1
October 20, 2009
General Description
The Voice type series of MCUs are 8-bit high perfor-
mance microcontrollers which include a voice synthe-
sizer and tone generator. They are designed for
applications which require multiple I/Os and sound ef-
fects, such as voice and melody. The devices can pro-
vide various sampling rates and beats, tone levels,
tempos for speech synthesizer and melody generator.
They also include an integrated high quality, voltage
type DAC output. The external interrupt can be trig-
gered with falling edges or both falling and rising edges.
The devices are excellent solutions for versatile voice
and sound effect product applications with their efficient
MCU instructions providing the user with programming
capability for powerful custom applications. The system
frequency can be up to 8MHz at an operating voltage of
2.2V and include a power-down function to reduce
power consumption.
Features
· Operating voltage: 2.2V~5.5V
· System clock: 4MHz~8MHz
· Crystal and RC system oscillator
· 16/20/24 I/O pins
· 8K´16-bit Program Memory
· 192´8/384´8-bit Data Memory
· External interrupt input
· Three 8-bit programmable Timers with overflow
interrupt and 8-stage prescaler
· 12-bit high quality voltage type D/A output
· PWM circuit direct audio output
· External RC oscillator converter
· 8 capacitor/resistor sensor input
· Watchdog timer function
· 8-level subroutine nesting
· Low voltage reset function
· Integrated voice ROM with various capacities
· Power-down function and wake-up feature reduce
power consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 63 powerful instructions
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT86B60

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86B60 HOLTEK-HT86B60 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
February 22, 2010
HT86B60 HOLTEK-HT86B60 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
More results

Similar Description - HT86B60

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
HT86072 HOLTEK-HT86072 Datasheet
368Kb / 39P
Voice Synthesizer 8-Bit MCU
May 6, 2004
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
Voice Synthesizer 8-Bit OTP MCU
October 23, 2006
HT86XXX HOLTEK-HT86XXX_07 Datasheet
375Kb / 55P
Voice Synthesizer 8-Bit MCU
January 11, 2007
HT86030 HOLTEK-HT86030_06 Datasheet
291Kb / 40P
Voice Synthesizer 8-Bit MCU
May 25, 2006
HT86B03 HOLTEK-HT86B03 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
February 22, 2010
HT86B03 HOLTEK-HT86B03_10 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
HT86BXX HOLTEK-HT86BXX_11 Datasheet
503Kb / 83P
Enhanced Voice 8-Bit MCU
HT66FV130 HOLTEK-HT66FV130 Datasheet
7Mb / 259P
Enhanced Voice Flash MCU
December 06, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com