Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B70 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT86B70
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B70 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT86B70 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
36
October 20, 2009
Timer Registers
- TMR0, TMR1, TMR2L/TMR2H,
TMR3
The timer registers are special function registers located
in the special purpose Data Memory and is the place
where the actual timer value is stored. All devices con-
tain three 8-bit timers, whose registers are known as
TMR0, TMR1 and TMR3. The HT86B40, HT86B50,
HT86B60, HT86BR60, HT86B70, HT86B80 and
HT86B90 devices also contain an additional single
16-bit timer, which has a pair of registers known as
TMR2L and TMR2H. The value in the timer registers in-
creases by one each time an internal clock pulse is re-
ceived. The timer will count from the initial value loaded
by the preload register to the full count of FFH for the
8-bit timer or FFFFH for the 16-bit timers at which point
the timer overflows and an internal interrupt signal is
generated. The timer value will then be reset with the ini-
tial preload register value and continue counting.
Note that to achieve a maximum full range count of FFH
for the 8-bit timer or FFFFH for the 16-bit timers, the
preload registers must first be cleared to all zeros. It
should be noted that after power-on, the preload regis-
ters will be in an unknown condition. Note that if the
Timer Counters are in an OFF condition and data is writ-
ten to their preload registers, this data will be immedi-
ately written into the actual counter. However, if the
counter is enabled and counting, any new data written
into the preload data register during this period will re-
main in the preload register and will only be written into
the actual counter the next time an overflow occurs.
Note also that when the timer registers are read, the
timer clock will be blocked to avoid errors, however, as
this may result in certain timing errors, programmers
must take this into account.
For devices which have an internal 16-bit Timer, and
which therefore have both low byte and high byte timer
registers, accessing these registers is carried out in a
specific way. It must be noted that when using instruc-
tions to preload data into the low byte register, namely
TMR2L, the data will only be placed in a low byte buffer
and not directly into the low byte register. The actual
transfer of the data into the low byte register is only car-
ried out when a write to its associated high byte register,
namely TMR2H, is executed. However, using instruc-
tions to preload data into the high byte timer register will
result in the data being directly written to the high byte
register. At the same time the data in the low byte buffer
will be transferred into its associated low byte register.
For this reason, when preloading data into the 16-bit
timer registers, the low byte should be written first. It
must also be noted that to read the contents of the low
byte register, a read to the high byte register must first
be executed to latch the contents of the low byte buffer
into its associated low byte register. After this has been
done, the low byte register can be read in the normal
way. Note that reading the low byte timer register will
only result in reading the previously latched contents of
the low byte buffer and not the actual contents of the low
byte timer register.
Timer Control Registers
- TMR0C, TMR1C, TMR2C,
TMR3C
Each timer has its respective timer control register,
known as TMR0C, TMR1C, TMR2C and TMR3C. It is
the timer control register together with their correspond-
ing timer registers that control the full operation of the
timers. Before the timers can be used, it is essential that
the appropriate timer control register is fully pro-
grammed with the right data to ensure its correct opera-
tion, a process that is normally carried out during
program initialization. Bits 7 and 6 of the Timer Control
Register, which are known as the bit pair TM1/TM0 re-
spectively, must be set to the required logic levels. The
timer-on bit, which is bit 4 of the Timer Control Register
and known as TON, depending upon which timer is
used, provides the basic on/off control of the respective
timer. setting the bit high allows the timer to run, clearing
the bit stops the timer. For the 8-bit timers, which have
prescalers, bits 0~2 of the Timer Control Register deter-
mine the division ratio of the input clock prescaler.
T i m e r M o d e C o n t r o l
T 2 O N
T 2 T M 1 T 2 T M 0
f S Y S / 4
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e
B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r
1 6 - b i t
P r e l o a d R e g i s t e r
f S Y S
16-bit Timer Structure
- HT86B40/HT86B50/HT86B60/HT86BR60/HT86B70/HT86B80/HT86B90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com