Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT95R23
Description  I/O Type Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT95R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Pin Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each individual pin on this port can
be configured as a wake-up input by a configuration option. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine which pins on the port have pull-high re-
sistors.
PB0~PB7
I/O
Pull-high
Bidirectional 8-bit input/output port.Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options de-
termine which pins on the port have pull-high resistors.
PC0, PC5, PC7 I/O
Pull-high
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. When the
multi-function interrupt is enabled an interrupt will be generated when-
ever PC0 or PC5 has a falling edge, or PC7 has a rising edge.When in
the idle mode such an interrupt will wake up the device.
PC1, PC4, PC6 I/O
Pull-high
Bidirectional input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors.
PC2, PC3
O
¾
NMOS output structures
PD0~PD7
I/O
Pull-high
Bidirectional 8-bit input/output port.Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options de-
termine which nibble on the port have pull-high resistors.
PE0~PE3
I/O
Pull-high
Bidirectional 4-bit input/output port.Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options de-
termine if all the pins on the port have pull-high resistors.
INT
I
¾
External interrupt Schmitt trigger input. Edge trigger activated on high to
low transition. No pull-high resistor.
TMR0
I
¾
Timer/Event Counter 0 Schmitt trigger input . No pull-high resistor.
TMR1
I
¾
Timer/Event Counter 1 Schmitt trigger input . No pull-high resistor.
DTMF
O
¾
Dual Tone Multi Frequency Output
MUSIC
O
¾
CMOS output structure Programmable Frequency Divider pin.
X1
X2
I
O
¾
X1 and X2 are connected to an external 32768Hz crystal or resonator for
the system clock.
XC
¾¾
External low pass filter pin used for the frequency up conversion circuit.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
Note:
Each pin on PA can be programmed through a configuration option to have a wake-up function.
HT95R23
Rev. 1.00
3
March 25, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com