Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3VRKNT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL2F3VRKNT
Description  Property of Lite-On Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3VRKNT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL2F3VRKNT Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3VRKNT Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
         
       

T-13/4 (5mm) Ultra Bright
Features
! High luminous intensity output.
! Low power consumption.
! High efficiency.
! Versatile mounting on P.C. board or panel.
! I.C. compatible / low current requirement.
! Popular T-13/4 diameter.
Description
The source color devices are made with Aluminum Indium Gallium Phosphide on Gallium Arsenide light
emitting diode. The devices are made with water clear epoxy package, And with 8, 15, 22 and 30 degrees
of viewing angle.
Application
! Message sign.
! Traffic sign
Devices
Part No. (LTL)
Lens
Source Color
2F3VRKNT / 2H3VRKNT
2P3VRKNT / 2R3VRKNT
Water Clear
AlInGap Super Red
2F3VEKNT / 2H3VEKNT
2P3VEKNT / 2R3VEKNT
Water Clear
AlInGap Red
2F3VHKNT / 2H3VHKNT
2P3VHKNT / 2R3VHKNT
Water Clear
AlInGap Red Orange
2F3VAKNT / 2H3VAKNT
2P3VAKNT / 2R3VAKNT
Water Clear
AlInGap Red Orange
2F3VFKNT / 2H3VFKNT
2P3VFKNT / 2R3VFKNT
Water Clear
AlInGap Yellow Orange
2F3VYKNT / 2H3VYKNT
2P3VYKNT / 2R3VYKNT
Water Clear
AlInGap Amber Yellow
2F3VSKNT / 2H3VSKNT
2P3VSKNT / 2R3VSKNT
Water Clear
AlInGap Yellow
        

 !"#
LTL2F3VxKNT
LTL2H3VxKNT
LTL2P3VxKNT
LTL2R3VxKNT
8 degree
15 degree
22 degree
30 degree


Similar Part No. - LTL2F3VRKNT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2F3CBK5 LITEON-LTL2F3CBK5 Datasheet
550Kb / 10P
Property of Lite-On Only
LTL2F3KEK LITEON-LTL2F3KEK Datasheet
142Kb / 4P
Property of Lite-On Only
LTL2F3KFK LITEON-LTL2F3KFK Datasheet
517Kb / 9P
Property of Lite-On Only
LTL2F3KGKNN LITEON-LTL2F3KGKNN Datasheet
146Kb / 4P
Property of Lite-On Only
LTL2F3KHK LITEON-LTL2F3KHK Datasheet
144Kb / 4P
Property of Lite-On Only
More results

Similar Description - LTL2F3VRKNT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com