Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9302A
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9302A Datasheet HTML 1Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 2Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 3Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Block Diagram
Pin Assignment
HT9302x normal version
HT9302G simple version
HT9302 Series
Rev. 1.30
2
May 13, 2009
C 1
R 1
P O
H K S
H D I
K e y
C o l u m n
F S M
K e y
F u n c t i o n
E n c o d e r
E n c o d e r
C o n t r o l
W R M
C o u n t e r
A D D R L
K e y R o w
S R A M
D e b o u n c e
D i v i d e r
C l o c k
G e n e r a t o r
M / B
F l a s h
T i m e r
C h e c k
T o n e
E n c o d e r
C o n v e r t e r
T o n e
O u t
P u l s e
O u t
D T M F
H F I
M O D E
D O U T
C L O C K
X M U T E
C 4
R 4
X 1
X 2
K e y t o n e
G e n e r a t o r
C l o c k
C o n t r o l
L O C K
M o d e I n
H D / H F
H D O
H F O
R 4
R 3
R 2
R 1
M O D E
D T M F
P O
H K S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
C 1
C 2
C 3
X 1
X 2
X M U T E
V S S
V D D
H T 9 3 0 2 G
1 6 D I P - A / N S O P
H D I
C 1
C 2
C 3
C 4
L O C K
X 1
X 2
X M U T E
V S S
H F I
D O U T
C 1
C 2
C 3
C 4
L O C K
X 1
X 2
X M U T E
V S S
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
R 4
R 3
R 2
R 1
M O D E
D T M F
P O
H K S
V D D
H D I
C 1
C 2
C 3
C 4
L O C K
X 1
X 2
X M U T E
V S S
H F I
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1
2
3
4
5
6
7
8
9
1 0
1 1
H D O
R 4
R 3
R 2
R 1
M O D E
D T M F
P O
H K S
V D D
H F O
C 1
C 2
C 3
C 4
L O C K
X 1
X 2
X M U T E
V S S
D O U T
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
R 4
R 3
R 2
R 1
M O D E
D T M F
P O
H K S
V D D
C L O C K
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
H D O
R 4
R 3
R 2
R 1
M O D E
D T M F
P O
H K S
V D D
H F O
C L O C K
H T 9 3 0 2 D
2 4 S K D I P - A
H T 9 3 0 2 C
2 0 D I P - A
H T 9 3 0 2 B
2 2 S K D I P - A
H T 9 3 0 2 A
1 8 D I P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com