Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16220 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16220
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16220 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16220 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Assignment
Chip size: 95
´ 99 (mil)
2
Bump height: 18
mm ± 3mm
Min. Bump spacing: 23.102
mm
Bump size: 76
´ 76mm
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT16220
Rev. 1.90
3
October 12, 2009
PATENTED
D A T A
V S S
V D D
V L C D
B Z
O S C O
O S C I
T 1
T 2
T 3
S E G 1 9
S E G 1 8
S E G 1 7
S E G 1 6
S E G 1 5
S E G 1 4
S E G 1 3
S E G 1 2
S E G 1 1
S E G 1 0
S E G 9
S E G 8
S E G 7
C S
R D
W R
I R Q
B Z
4 3
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
2 9 3 0
1 6 1 7
1 8 1 9
2 1
2 2 2 3 2 4 2 5 2 6
2 7 2 8
2 0
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
4 4
4 5
4 6
4 7
4 8
4 9
5 0
5 1
5 2
5 3
5 4
5 5
( 0 , 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com