Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302G Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9302G
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302G Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9302G Datasheet HTML 1Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 2Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 3Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................................
-0.3V to 6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Operating Temperature ..........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
fOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
5.5
V
IDD
Operating Current
2.5V
Pulse
Off-hook
Keypad entry
No load
¾
0.2
1
mA
Tone
¾
0.6
2
mA
ISTB
Standby Current
1V
On-hook, no load
No entry
¾¾
1
mA
VR
Memory Retention Voltage
¾¾
1
¾
5.5
V
IR
Memory Retention Current
1V
On-hook
¾
0.1
0.2
mA
VIL
Input Low Voltage
¾¾
VSS
¾
0.2VDD
V
VIH
Input High Voltage
¾¾
0.8VDD
¾
VDD
V
IXMO
XMUTE Leakage Current
¾
VXMUTE=12V
No entry
¾¾
1
mA
IOLXM
XMUTE Sink Current
2.5V VXMUTE=0.5V
1
¾¾
mA
IHKS
HKS Pin Input Current
2.5V VHKS=2.5V
¾¾
0.1
mA
RHFI
HFI Pull-low Resistance
2.5V VHFI=2.5V
¾
200
¾
k
W
RHDI
HDI Pull-high Resistance
2.5V VHDI=0V
¾
200
¾
k
W
IOH1
Keypad Pin Source Current
2.5V VOH=0V
-4
¾
–40
mA
IOL1
Keypad Pin Sink Current
2.5V VOL=2.5V
200
400
¾mA
IOH2
HFO Pin Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL2
HFO Pin Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH3
HDO Pin Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL3
HDO Pin Sink Current
2.5V VOL=0.5V
1
¾¾
mA
tFP
Pause Time After Flash
¾
Control key
¾
0.2
¾
s
Digit key
¾
1
¾
tRP
One-key Redialing Pause Time
¾
One-key redialing
¾
1
¾
s
tDB
Key-in Debounce Time
¾¾
¾
20
¾
ms
tBRK
Break Time for One-key Redialing
¾
One-key redialing
¾
1.2
¾
s
fOSC
System Frequency
¾
Crystal=3.5795MHz
3.5759
3.5795
3.5831
MHz
HT9302 Series
Rev. 1.30
5
May 13, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com