Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-150Y-Y-R1-CT Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-150Y-Y-R1-CT
Description  LED SMD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150Y-Y-R1-CT Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-150Y-Y-R1-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Environmental
Test
1.T=260 ° C Max. 10sec.Max.
2. 6 Min
IR Reflow
1.105
℃ ~ 25℃ ~ -55℃ ~ 25℃
30mins 5mins 30mins 5mins
2.10 Cyeles
1.T.Sol=235
℃±5℃
2.Immersion time 2
±0.5sec
3.Coverage
≧95% of the dipped surface
Temperature
Cycling
Solderability Test
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Endurance
Test
Classification
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5℃
2.RH=90 %~95 %
3.t=1000hrs
±2hrs
1.Ta=105
℃±5℃&-40℃±5℃
(10min)
(10min)
2.total 10 cycles
High Temperature
High Humidity
Storage Test
Thermal Shock Test
Low Temperature
Storage Test
1.Ta=105
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Test Item
Operating Life Test
Test Condition
Reliability Test:
MIL-STD-202F:103B
JIS C 7021: B-11
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
JIS C 7021: B-12
MIL-STD-883D:1008
JIS C 7021: B-10
Reference
Standard
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
Page 10/10
PART NO. LG-150Y/Y-R1-CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com