Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA2201EG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA2201EG
Description  Low G Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2201EG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA2201EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2201EG Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMA2201KEG
Sensors
6
Freescale Semiconductor
Static Acceleration Sensing Direction
Dynamic Acceleration Sensing Direction
-x
+x
16-Pin SOIC Package
N/C pins are recommended to be left FLOATING
Acceleration of the package
in the
+X direction (center
plate moves in the
−X
direction) will result in an
increase in the output.
Activation of Self test moves
the center plate in the
−X
direction, resulting in an
increase in the output.
Top View
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Direction of Earth’s gravity field(1)
Side View
Front View
1. When positioned as shown, the Earth’s gravity will result in a positive 1g output.
87654321
9 10111213141516



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com