Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTAKG Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
RESET Initialization
Freescale Semiconductor
30
2.4.6
Platform to FIFO Restrictions
Please note the following FIFO maximum speed restrictions based on platform speed. The “platform clock (CCB) frequency”
in the following formula refers to the maximum platform (CCB) frequency of the speed bins the part belongs to, which is
defined in Table 73.
For FIFO GMII mode:
FIFO TX/RX clock frequency <= platform clock frequency/3.2
For example, if the platform frequency is 533 MHz, the FIFO TX/RX clock frequency should be no more than 167 MHz
For FIFO encoded mode:
FIFO TX/RX clock frequency <= platform clock frequency/3.2
For example, if the platform frequency is 533 MHz, the FIFO TX/RX clock frequency should be no more than
167 MHz
2.4.7
Other Input Clocks
For information on the input clocks of other functional blocks of the platform such as SerDes, and eTSEC, see the specific
section of this document.
2.5
RESET Initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements of the MPC8535E.
Table 10 provides the RESET initialization AC timing specifications for the DDR SDRAM component(s).
Table 11 provides the PLL lock times.
Table 10. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HREST
100
—
μs—
Minimum assertion time for SRESET
3—
Sysclk
1
PLL input setup time with stable SYSCLK before HRESET negation
100
—
μs—
Input setup time for POR configurations (other than PLL config) with respect to negation of
HRESET
4
—
SYSCLKs
1
Input hold time for all POR configurations (including PLL config) with respect to negation of
HRESET
2
—
SYSCLKs
1
Maximum valid-to-high impedance time for actively driven POR configurations with respect to
negation of HRESET
—
5
SYSCLKs
1
HRESET rise time
—
1
SYSCLK
—
Notes:
1. SYSCLK is the primary clock input for the MPC8535E.
Table 11. PLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
Local bus PLL
—
50
μs—
PCI bus lock time
—
50
μs—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com