Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA6 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA6 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA6 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
75
CL
CC
C
Load capacitance
(fast I/O)25
DSC(PCR[8:9]) =
0b00
——
10
pF
C
DSC(PCR[8:9]) =
0b01
——
20
C
DSC(PCR[8:9]) =
0b10
——
30
C
DSC(PCR[8:9]) =
0b11
——
50
CIN
CC
C
Input capacitance
(digital pins)
—
—
—
7
pF
CIN_A
CC
C
Input capacitance
(analog pins)
—
—
—
10
pF
CIN_M
CC
C
Input capacitance
(digital and analog
pins26)
—
—
—
12
pF
RPUPD200K
SR
—
Weak Pull-Up/Down
Resistance27,28
200 k
Ω Option
—
130
—
280
k
Ω
RPUPD100K
SR
—
Weak Pull-Up/Down
Resistance27,28
100 k
Ω Option
—
65
—
140
k
Ω
RPUPD5K
SR
—
Weak Pull-Up/Down
Resistance27
5k
Ω Option
5 V ± 10% supply
1.4
—
5.2
k
Ω
—
3.3 V ± 10%
supply
1.7
—
7.7
TA (TL to TH)
SR
—
Operating
temperature range -
ambient (packaged)
—
–40.0
—
125.0
οC
—
SR
—
Slew rate on power
supply pins
—
—
—
50
V/ms
1 These specifications are design targets and subject to change per device characterization.
2 TBD: To Be Defined.
3 These specifications apply when V
RC33 is supplied externally, after disabling the internal regulator (VDDREG = 0).
4 ADC is functional with 4 V
≤ V
DDA ≤ 4.75 V but with derated accuracy. This means the ADC will continue to function at full
speed with no bad behavior, but the accuracy will be degraded.
5 Internal structures hold the input voltage less than V
DDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage specifications.
6 The V
DDF supply is connected to VDD in the package substrate. This specification applies to calibration package devices
only.
7 V
FLASH is only available in the calibration package.
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com