Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536AVTAKG Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8536AVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536AVTAKG Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8536AVTAKG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
Serial ATA (SATA)
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
79
Figure 45 provides the AC test load for TDO and the boundary-scan outputs.
Figure 45. AC Test Load for the JTAG Interface
Figure 46 provides the JTAG clock input timing diagram.
Figure 46. JTAG Clock Input Timing Diagram
Figure 47 provides the TRST timing diagram.
Figure 47. TRST Timing Diagram
Figure 48 provides the boundary-scan timing diagram.
Figure 48. Boundary-Scan Timing Diagram
2.16
Serial ATA (SATA)
This section describes the DC and AC electrical specifications for the serial ATA (SATA) of the MPC8536E. Note that the
external cabled applications or long backplane applications (Gen1x & Gen2x) are not supported.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
JTAG
tJTKHKL
tJTGR
External Clock
VM
VM
VM
tJTG
tJTGF
VM = Midpoint Voltage (OVDD/2)
TRST
VM = Midpoint Voltage (OVDD/2)
VM
VM
tTRST
VM
VM
tJTDVKH
tJTDXKH
Boundary
Data Outputs
JTAG
External Clock
Boundary
Data Inputs
Output Data Valid
tJTKLDX
tJTKLDV
Input
Data Valid
VM = Midpoint Voltage (OVDD/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com