Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536AVTAQG Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8536AVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536AVTAQG Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8536AVTAQG Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536AVTAQG Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
Programmable Interrupt Controller (PIC)
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
77
Figure 43 provides the eSDHC clock input timing diagram.
Figure 43. eSDHC Clock Input Timing Diagram
Figure 44 provides the data and command input/output timing diagram.
Figure 44. eSDHC Data and Command Input/Output Timing Diagram Referenced to Clock
2.14
Programmable Interrupt Controller (PIC)
In IRQ edge trigger mode, when an external interrupt signal is asserted (according to the programmed polarity), it must remain
the assertion for at least 3 system clocks (SYSCLK periods).
2.15
JTAG
This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8536E.
2.15.1
JTAG DC Electrical Characteristics
Table 57 provides the DC electrical characteristics for the JTAG interface.
Table 57. JTAG DC Electrical Characteristics
Parameter
Symbol 1
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
-0.3
0.8
V
eSDHC
tSHSCKR
External Clock
VM
VM
VM
tSHSCK
tSHSCKF
VM = Midpoint Voltage (OVDD/2)
operational mode
tSHSCKL
tSHSCKH
VM = Midpoint Voltage (OVDD/2)
SD_CK
External Clock
SD_DAT/CMD
VM
VM
VM
VM
Inputs
SD_DAT/CMD
Outputs
tSHSIVKH
tSHSIXKH
tSHSKHOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com