Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5633MF0MMGA8 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
VSS
Ground
—
—
-
VSS0
I / -
-
22,
36,
48,
59,
73,
79,
91,
104,
115
15,
29,
43,
57,
72,
90,
96,
108,
1157,
127,
133,
140
A1, A16,
B2, B15,
C3, C14,
D4, D13,
G7, G8,
G9, G10,
H7, H8,
H9, H10,
J7, J8, J9,
J10, K7,
K8, K9,
K10, N4,
N13, P3,
P14, R2,
R15, T1,
T16
VDDE1234
I/O Supply Input
—
—
—
VDDE12
(3.3V )
I / -
-
—
16,
1197
—
VDDEH1A
VDDEH1B
I/O Supply Input
—
—
I
VDDEH135
(3.3V - 5.0V)
I / -
-
24, 34 31, 41
K4
VDDEH4
I/O Supply Input
—
—
VDDEH4
I / -
-
—
—
N9
VDDEH4A
VDDEH4B
I/O Supply Input
—
—
I
VDDEH435
(3.3V - 5.0V)
I / -
-
46, 61 55, 74
—
VDDE5
I/O Supply Input
—
—
I
VDDE5
I / -
-
—
—
T13
VDDEH6a36
VDDEH6b
I/O Supply Input
—
—
I
VDDEH6
(3.3V - 5.0V)
I / -
-
78, 93
95,
110
—
VDDEH6
I/O Supply Input
—
—
I
VDDEH6
I / -
-
—
—
F13
VDDEH7
I/O Supply Input
—
—
I
VDDEH737
(3.3V - 5.0V)
I / -
-
102,
113
125,
138
D12
VDDE7
I/O Supply Input
—
—
I
VDDE7
I / -
-
—
—
E13, P6
1 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary
function or GPIO is done in the SIU except where explicitly noted.
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com