Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF112T Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF112T
Description  SAW FILTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF112T Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF112T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF112T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF112T Datasheet HTML 3Page - Shoulder Electronics Limited. HDF112T Datasheet HTML 4Page - Shoulder Electronics Limited. HDF112T Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW FILTER
HDF112T
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 5
room conditions for 1 to 2 hours prior to the measurement. It shall fulfill the specifications
in 2.2.
5-3 Low temperature exposure
Subject the
filter to -40℃ for 96 hours. Then release the filter into the room
conditions for 1 to 2 hours prior to the measurement. It shall fulfill the specifications in 2.2.
5-4 Temperature cycling
Subject the filter to a low temperature of -40℃ for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the filter into the room conditions for 1
to 2 hours prior to the measurement. It shall meet the specifications in 2.2.
5-5 Resistance to solder heat
Dip the filter terminals no closer than 1.5mm into the solder bath at 270℃ ±10℃
for 10±1 sec. Then release the Filter into the room conditions for 1 to 2 hours. The Filter
shall meet the specifications in 2.2.
5-6 Mechanical shock
Drop the filter randomly onto the concrete floor from the height of 30cm 3 times. the
filter shall fulfill the specifications in 2.2.
5-7 Vibration
Subject the filter to the vibration for 1 hour each in x,y and z axes with the amplitude
of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in 2.2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com