Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA02P Datasheet(PDF) 1 Page - Powerbox

Part # CA02P
Description  1 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

CA02P Datasheet(HTML) 1 Page - Powerbox

  CA02P Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
210
CA Series
1
W A TT
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Very low ripple, 2mV p-p
•
Precision regulated
•
Miniature shielded case
•
0-100% programmable
•
High stability <25ppm/°C
•
Wide input voltage range
•
Overload and short circuit protected
•
Very low EMI/RFI
•
Optional chassi mount kit
•
External gain adjust
Specifications
INPUT
Voltage
11.5 to 15.5VDC.
Current
<80mA no load/<220mA full load.
Programming voltage
0-5V, <150mA.
Voltage monitor
0-5V = 0-100% output.
OUTPUT
Po3wer
1W.
Reference output
5.0V ±1%, up to 1mA.
Stability
<0.005%/hr.
Linearity
<0.5% (15-100% Vout).
Temperature coefficent
<25ppm/°C.
ENVIRONMENTAL
Operating temperature
–10°C to +50°C.
Storage temperature
–25°C to +95°C.
GENERAL
Dimensions
44.45 x 27.94 x 12.70 mm.
Weight
40g.
Packaging
Epoxy encapsulated.
Case material
Zinc plated steel.
MODEL
NUMBER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
REGULATION
LINE
RIPPLE LOAD
FULL LOAD,
P-P
CA02P
0 to +200V
0 to 5mA
<0.01%
<0.01%
<0.01%
CA02N
0 to –200V
0 to 5mA
<0.01%
<0.01%
<0.01%
CA05P
0 to +500V
0 to 2mA
<0.01%
<0.01%
<0.01%
CA05N
0 to –500V
0 to 2mA
<0.01%
<0.01%
<0.01%
CA10P
0 to +1000V
0 to 1mA
<0.001%
<0.005%
<0.0005%
CA10N
0 to –1000V
0 to 1mA
<0.001%
<0.005%
<0.0005%
CA12P
0 to +1250V
0 to .8mA
<0.001%
<0.005%
<0.0005%
CA12N
0 to –1250V
0 to .8mA
<0.001%
<0.005%
<0.0005%
CA20P
0 to +2000V
0 to .5mA
<0.01%
<0.01%
<0.0005%
CA20N
0 to –2000V
0 to .5mA
<0.01%
<0.01%
<0.0005%
PIN#
FUNCTION
1
Output voltage
2
Programming: 0 to +5V
3
Ground
4
Voltage reference +5V
5
Case ground
6
+Input: 11.5 to 15.5V
7
Voltage monitor: 0 to +5V
8
Output return
Selection Tables
Technical Illustration


Similar Part No. - CA02P

ManufacturerPart #DatasheetDescription
logo
EPCOS
CA02P4L14THSG EPCOS-CA02P4L14THSG Datasheet
672Kb / 30P
Ceramic transient voltage suppressors
CA02P4L150THSG EPCOS-CA02P4L150THSG Datasheet
672Kb / 30P
Ceramic transient voltage suppressors
CA02P4S14THSG EPCOS-CA02P4S14THSG Datasheet
672Kb / 30P
Ceramic transient voltage suppressors
CA02P4S150THSG EPCOS-CA02P4S150THSG Datasheet
672Kb / 30P
Ceramic transient voltage suppressors
CA02P4V14THSG EPCOS-CA02P4V14THSG Datasheet
672Kb / 30P
Ceramic transient voltage suppressors
More results

Similar Description - CA02P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
Single Output, to 1 Watt dc/dc converters
logo
Powerbox
DX100 POWERBOX-DX100 Datasheet
307Kb / 1P
1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
CET Technology, LLC
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
1 Watt Surface Mount DC/DC Converter Single Output
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
1 Watt DC/DC Converter Single and Dual Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
1 Watt DC/DC Converter Single Output
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
1 Watt DC/DC Converter Single Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com