Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM600 Datasheet(PDF) 2 Page - Powerbox

Part # DLM600
Description  600 WATTS PROGRAMMABLE DC SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DLM600 Datasheet(HTML) 2 Page - Powerbox

  DLM600 Datasheet HTML 1Page - Powerbox DLM600 Datasheet HTML 2Page - Powerbox DLM600 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
482
MODEL
NUMBER
RIPPLE AND NOISE,
VOLTAGE MODE
OVP
ADJUSTME
NTRANGE
(5% - 110%
OF VMAX)
STABILITY
TEMPERATURE
COEFFICIENT
MAXIMUM
TOTAL
REMOTE
SENSE
DROP
RIPPLE
(RMS)*
NOISE
(P-P)*
VOLTAGE
(0.05% OF
VMAX)
CURRENT
(0.05% OF
IMAX)
VOLTAGE
(0.02%/°C
OF VMAX )
CURRENT
(0.03%/°C
OF IMAX)
DLM 5-75
5mV
30mV
0.25-.5.5V
2.5mV
37.5mA
1mV/°C
22.5mA/°C
1V
DLM 8-75
5mV
30mV
0.4-8.8V
4mV
37.5mA
1.6mV/°C
22.5mA/°C
1V
DLM10-60
5mV
30mV
0.5-11V
5mV
30mA
2mV/°C
18mA/°C
2V
DLM 20-30
2.5mV
15mV
1-22V
10mV
15mA
4mV/°C
9mA/°C
2V
DLM 40-15
2.5mV
15mV
2-44V
20mV
7.5mA
8mV/°C
4.5mA/°C
2V
DLM 60-10
2.5mV
20mV
3-66V
30mV
5mA
12mV/°C
3mA/°C
2V
DLM 80-7.5
4mV
20mV
4-88V
40mV
3.75mA
16mV/°C
2.25mA/°C
2V
DLM 150-4
7mV
40mV
7.5-165V
75mV
2mA
30mV/°C
1.2mA/°C
2V
DLM 300-2
10mV
60mV
15-330V
150mV
1mA
60mV/°C
0.6mA/°C
2V
*RMS noise typical from 20Hz to 20MHz
MODEL
NUMBER
PROGRAMMING ACCURACY
DISPLAY ACCURACY
ETHERNET (M130/M131)
GPIB (M9G/M85)
VOLTAGE
(0.1% OF
VMAX)
CURRENT
(0.25%
OF IMAX)
OVP
(0.5% OF 1.1
X VMAX)
VOLTAGE
(0.2% OF
VMAX)
CURRENT
(0.5% OF
IMAX)
OVP
(1.0% OF 1.1 X
VMAX)
VOLTAGE
(0.5% OF
VMAX +1
CURRENT
(1.0% OF
IMAX +1
DLM 5-75
8mV
188mA
44mV
16mV
375mA
55mV
35mV
850mA
DLM 8-75
8mV
188mA
44mV
16mV
375mA
88mV
50mV
850mA
DLM10-60
10mV
150mA
55mV
20mV
300mA
110mV
60mV
700mA
DLM 20-30
20mV
75mA
110mV
40mV
150mA
220mV
200mV
400mA
DLM 40-15
40mV
38mA
220mV
80mV
75mA
440mV
300mV
160mA
DLM 60-10
60mV
25mA
330mV
120mV
50mA
660mV
400mV
110mA
DLM 80-7.5
80mV
19mA
440mV
160mV
38mA
880mV
500mV
85mA
DLM 150-4
150mV
10mA
825mV
300mV
20mA
1.65V
850mV
50mA
DLM 300-2
300mV
5mA
1.65V
600mV
10mA
3.3V
2.5V
30mA
MODEL
NUMBER
OUTPUT RATING
LINE REGULATION
LOAD REGULATION
VOLTAGE
(VDC)
CURRENT
(ADC)
POWER
(WATTS)
VOLTAGE (0.01%OF
VMAX +2MV)
CURRENT (0.02%OF
IMAX +2MA)
VOLTAGE (0.01%OF
VMAX +2MV)
CURRENT (0.05%OF
IMAX +5MA)
DLM 5-75
0-5
0-75
375
2.4mV
9.5mA
2.4mV
20mA
DLM 8-75
0-8
0-75
600
2.4mV
9.5mA
2.4mV
20mA
DLM10-60
0-10
0-60
600
2.5mV
8mA
2.5mV
17mA
DLM 20-30
0-20
0-30
600
3mV
5mA
3mV
11mA
DLM 40-15
0-40
0-15
600
4mV
3.5mA
4mV
8mA
DLM 60-10
0-60
0-10
600
5mV
3mA
5mV
7mA
DLM 80-7.5
0-80
0-7.5
600
6mV
2.8mA
6mV
6.5mA
DLM 150-4
0-150
0-4
600
9.5mV
2.2mA
9.5mV
5.8mA
DLM 300-2
0-300
0-2
600
17mV
2.1mA
17mV
5.4mA
DLM 600 Series
600 W A TTS PROGRAMMABLE DC SUPPL Y
Selection Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com