Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F30CT Datasheet(PDF) 2 Page - Powerbox

Part # F30CT
Description  1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

F30CT Datasheet(HTML) 2 Page - Powerbox

  F30CT Datasheet HTML 1Page - Powerbox F30CT Datasheet HTML 2Page - Powerbox F30CT Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
220
CT Series
1.5-10
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
MODEL
NUMBER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT
VOLTAGE
INPUT
CURRENT
(NO LOAD)
INPUT
CURRENT
(FULL LOAD)
RIPPLE
CASE
POWER
G01CT
0 to ±50V
15mA
0 to 12V
<100mA
250mA
1.75%
A
1.5W
G02CT
0 to ±100V
7.5mA
0 to 12V
<100A
250mA
0.75%
A
1.5W
G03CT
0 to ±150V
5mA
0 to 12V
<100A
250mA
0.75%
A
1.5W
G04CT
0 to ±200V
3.75mA
0 to 12V
<100A
250mA
0.1%
A
1.5W
G05CT
0 to ±250V
3mA
0 to 12V
<100mA
250mA
0.025%
A
1.5W
G06CT
0 to ±300V
2.5mA
0 to 12V
<100mA
250mA
0.1%
A
1.5W
G10CT
0 to ±500V
1.5mA
0 to 12V
<100mA
250mA
0.1%
A
1.5W
G12CT
0 to ±600V
1.25mA
0 to 12V
<150mA
250mA
0.1%
A
1.5W
G15CT
0 to ±750V
1mA
0 to 12V
<125mA
250mA
0.5%
A
1.5W
G20CT
0 to ±1000V
0.75mA
0 to 12V
<165mA
250mA
0.5%
A
1.5W
G25CT
0 to ±1250V
0.6mA
0 to 12V
<125mA
250mA
1%
B
1.5W
G30CT
0 to ±1500V
0.5mA
0 to 12V
<125mA
250mA
1%
B
1.5W
G40CT
0 to ±2000V
0.37mA
0 to 12V
<125mA
250mA
1%
B
1.5W
G50CT
0 to ±2500V
0.3mA
0 to 12V
<125mA
250mA
2%
B
1.5W
G60CT
0 to ±3000V
0.25mA
0 to 12V
<125mA
250mA
2%
B
1.5W
E01CT
0 to ±50V
30mA
0 to 12V
<175mA
425mA
1.5%
C
3W
E02CT
0 to ±100V
15mA
0 to 12V
<125mA
400mA
0.25%
C
3W
E03CT
0 to ±150V
10mA
0 to 12V
<125mA
400mA
0.1%
C
3W
E05CT
0 to ±250V
6mA
0 to 12V
<150mA
400mA
0.02%
C
3W
E06CT
0 to ±300V
5mA
0 to 12V
<175mA
400mA
0.1%
C
3W
E08-5CT
0 to ±375V
4mA
0 to 12V
<125mA
400mA
0.02%
C
3W
E10CT
0 to ±500V
3mA
0 to 12V
<125mA
400mA
0.03%
C
3W
E12CT
0 to ±600V
2.5mA
0 to 12V
<125mA
400mA
0.02%
C
3W
E15CT
0 to ±750V
2mA
0 to 12V
<150mA
400mA
0.03%
C
3W
E20CT
0 to ±1000V
1.5mA
0 to 12V
<175mA
425mA
0.25%
C
3W
E30CT
0 to ±1500V
1mA
0 to 15V
<175mA
350mA
0.25%
C
3W
E40CT
0 to ±2000V
0.75mA
0 to 15V
<175mA
350mA
0.50%
C
3W
E50CT
0 to ±2500V
0.6mA
0 to 15V
<175mA
350mA
0.50%
C
3W
E60CT
0 to ±3000V
0.5mA
0 to 15V
<175mA
350mA
0.50%
C
3W
E70CT
0 to ±3500V
0.429mA
0 to 15V
<175mA
350mA
1.00%
D
3W
E80CT
0 to ±4000V
0.25mA
0 to 15V
<175mA
300mA
1.00%
D
3W
E101CT
0 to ±5000V
0.2mA
0 to 15V
<175mA
300mA
1.50%
D
3W
E121CT
0 to ±6000V
0.16mA
0 to 15V
<175mA
300mA
1.50%
D
3W
F01CT
0 to ±50V
100mA
0 to 12V
<500mA
1.75A
1%
E
10W
F02CT
0 to ±100V
50mA
0 to 12V
<500mA
1.5A
1%
E
10W
F03CT
0 to ±150V
33.3mA
0 to 12V
<500mA
1.5A
1%
E
10W
F04CT
0 to ±200V
25mA
0 to 12V
<500mA
1.5A
1%
E
10W
F05CT
0 to ±250V
20mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F06CT
0 to ±300V
16mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F08CT
0 to ±400V
12.5mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F10CT
0 to ±500V
10mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F12CT
0 to ±600V
8.33mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F15CT
0 to ±750V
6.6mA
0 to 12V
<500mA
1.5A
0.1%
E
10W
F20CT
0 to ±1000V
5mA
0 to 12V
<500mA
1.5A
1%
E
10W
F30CT
0 to ±1500V
3.3mA
0 to 15V
<500mA
1.5A
1%
E
10W
F40CT
0 to ±2000V
2.5mA
0 to 15V
<500mA
1.5A
1%
E
10W
F50CT
0 to ±2500V
2mA
0 to 15V
<500mA
1.5A
1%
E
10W
F60CT
0 to ±3000V
1.66mA
0 to 15V
<500mA
1.5A
1%
E
10W
F80CT
0 to ±4000V
1.25mA
0 to 15V
<500mA
1.5A
5%
F
10W
F101CT
0 to ±5000V
1mA
0 to 15V
<500mA
1.5A
5%
F
10W
F121CT
0 to ±6000V
.834mA
0 to 15V
<500mA
1.5A
5%
F
10W
Selection Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com