Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F40CT Datasheet(PDF) 1 Page - Powerbox

Part # F40CT
Description  1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

F40CT Datasheet(HTML) 1 Page - Powerbox

  F40CT Datasheet HTML 1Page - Powerbox F40CT Datasheet HTML 2Page - Powerbox F40CT Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Your dependable power partner – www.powerbox.com.au
219
CT Series
1.5-10
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Single output with centertap
•
Dual polarity high voltage modules
•
Low ripple
•
Low EMI/RFI
Specifications
INPUT
Voltage
See table.
OUTPUT
Power
1.5W, 3W and 10W.
Voltage range
±50VDC to ±6000VDC.
Current
See table.
Ripple
See table.
GENERAL
Dimensions
See drawings.
Weight
Case A & B: 42g.
Case C & D : 85g.
Case E & F: 113g.
Packaging
Epoxy encapsulated.
Case material
Case A, B, C & D: Glass-filled epoxy.
Case E & F: Aluminum.
OPTIONS
External mounting box
Consult your local Powerbox office.
Mounting holes
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
5
Output center tap


Similar Part No. - F40CT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
F40CT XPPOWER-F40CT Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
More results

Similar Description - F40CT

ManufacturerPart #DatasheetDescription
logo
Powerbox
E01 POWERBOX-E01 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com