Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C23 Datasheet(PDF) 1 Page - Powerbox

Part # FARM2C23
Description  AUTORANGING AC INPUT WITH FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

FARM2C23 Datasheet(HTML) 1 Page - Powerbox

  FARM2C23 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
250
FARM
AUTORANGING
AC
INPUT
WITH
FIL TER
Features
•
Autoranging 115/230VAC input
•
EMI filtering
•
500W or 750W models
•
Inrush current limiting
•
96% Efficiency
•
Mini sized package
•
Power fail signal
•
Module enable
General Specifications
Parameter
FARM1( )21 FARM2( )21
Input Voltage
90-132/180-264VAC
Output 115VAC 230VAC Current
500W
750W
750W
1000W
Compatible DC/DC
Converter
VI-26X, VI-J6X, V300
Efficiency
96%
Dimensions
57.9x55.9x12.7mm
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Safety
UL 60950, EN60950
Production Information
The FARM (Filter/Autoranging Rectifier Module) is an AC front which
provides EMI filtering, autoranging line rectification, transient protection
and inrush current limiting. The FARM is available in either 500/750W or
750/1000W models in a mini sized package measuring only
57.9x55.9x12.7mm.
The FARM interfaces directly with worldwide AC mains and may be used
with Vicor 300 V input DC-DC converters to realize an autoranging, high
density, low profile switching power supply. The FARM includes a
microcontroller that continuously monitors the AC line to control bridge /
doubler operation. The user need only provide external capacitance to
satisfy system hold-up requirements.
FARM
1
C
1
1
Product
Type
1 = 500/750W
2 = 750/1000W
Product Grade
C = 20oC to +100oC
E = -10 to 100oC
H = -40 to 100oC
T = -40oC to +100oC
Pin Style
1 = Short
2 = Long
F = Short Rohs
G = Long Rohs
S = Short ModuMate
N = Long ModuMate
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Part Numbering


Similar Part No. - FARM2C23

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM2C23 VICOR-FARM2C23 Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
FARM2C23 VICOR-FARM2C23 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM2C23 VICOR-FARM2C23 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM2C23 VICOR-FARM2C23 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results

Similar Description - FARM2C23

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
logo
Extech Instruments Corp...
38390 EXTECH-38390 Datasheet
54Kb / 1P
Autoranging 400A AC Mini Clamp Meter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
List of Unclassifed Man...
UAW125S-12 ETC2-UAW125S-12 Datasheet
169Kb / 3P
Autoranging input
logo
Powerbox
FARM-AC POWERBOX-FARM-AC Datasheet
254Kb / 1P
Autoranging 115/230VAC input
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com