Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548CVTAQG Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8548CVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQG Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8548CVTAQG Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
13
Electrical Characteristics
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
The device requires its power rails to be applied in a specific sequence in order to ensure proper device
operation. These requirements are as follows for power-up:
1. VDD, AVDD_n, BVDD, LVDD, OVDD, SVDD, TVDD, XVDD
2. GVDD
All supplies must be at their stable values within 50 ms.
NOTE
Items on the same line have no ordering requirement with respect to one
another. Items on separate lines must be ordered sequentially such that
voltage rails on a previous step must reach 90% of their value before the
voltage rails on the current step reach 10% of theirs.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
25
BVDD = 3.3 V
BVDD = 2.5 V
1
45(default)
45(default)
BVDD = 3.3 V
BVDD = 2.5 V
PCI signals
25
OVDD = 3.3 V
2
45(default)
DDR signal
18
36 (half strength mode)
GVDD = 2.5 V
3
DDR2 signal
18
36 (half strength mode)
GVDD = 1.8 V
3
TSEC/10/100 signals
45
L/TVDD = 2.5/3.3 V
—
DUART, system control, JTAG
45
OVDD = 3.3 V
—
I2C
150
OVDD = 3.3 V
—
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.
3. The drive strength of the DDR interface in half-strength mode is at Tj = 105°C and at GVDD (min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com