Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB251 Datasheet(PDF) 1 Page - Powerbox

Part # PB251
Description  220-330 WATTS DC UPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PB251 Datasheet(HTML) 1 Page - Powerbox

  PB251 Datasheet HTML 1Page - Powerbox PB251 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
322
Features
• Ultra-low noise output
• Independent battery charging output
• DC output OK & battery OK alarms & LEDs
• Battery-LVD and alarm
• Over-temperature protection
• Battery fuse fail LED
Specifications
INPUT
Voltage:
190 to 264 vac, or 190 to 400VDC
Line regulation:
0.2%typical
Current:
1.4A maximum
Inrush current:
10A maximum
Frequency:
45 to 65 Hz
OUTPUT
Voltage
See table
Current
See table
Load regulation
0.5%typical
Current limit type - load cct
Constant current
Current limit type - batt. cct
Constant current
Short circuit protection
Indefi nite, auto-resetting
Over-voltage protection
17.5 to 20V latching (13.8Vdc output)
31.5 to 39V latching (27.6Vdc output)
Ripple & noise
100 MHz bandwidth
28mVp-p (13.8Vdc output)
55mVp-p (27.6Vdc output)
ENVIRONMENTAL
Operating temperature
0 to 70oC ambient with derating, 5...90%
relative humidity
(non-condensing)
Over-temperature protection
Automatic & auto-resetting
Cooling requirement
Natural convection
Efficiency
80% minimum
STANDARDS & APPROVALS
Safety
Complies with AS/NZS 60950, class 1,
NSW Office of Fair Trading Approval N20602
EMC
Emissions comply with AS/NZS CISPR11,
Group 1, Class B. Complies with ACA EMC
Scheme, Safety & EMC Regulatory Compliance
Marked
Isolation i/p-o/p
i/p-ground
o/p-ground
4242VDC for 1 minute
2121VDC for 1 minute
707VDC for 1 minute
ALARMS & BATTERY FUNCTIONS
Converter ON/OK alarm
Indicated by voltage-free changeover relay
contacts &
green LED
ON=PSU OK
Battery low (& fuse) alarm
10.2 to 12.6V for 12V battery, adjustable 20.4
to 25.2V for 24V battery, adjustable Indicated
by voltage-free changeover relay contacts &
green LED: ON=BATT OK
Low voltage disconnect
9.6 to 12V for 12V battery, adjustable
19.2 to 24V2 for 4V battery, adjustable
Charger over-load protection
Auto-resetting electronic circuit breaker
Reverse polarity protection
Internal battery fuse
Battery to load voltage drop
0.2 to. 0.25V typical
MECHANICAL
Case size
264 L x 172 W x 67 H mm
Case size with heatsink
264 L x 186 W x 67 H mm
Rack size
232 D x 19” W x 2RU H
Weight
1.9 kg
Weight with heatsink
2.1 kg
Weight (rack mounted version)
5.5 kg
PB251 Series
220-330 W A TTS DC UPS
Selection Table
MODEL
NUMBER
OUTPUT
OUTPUT
VDC
I
LOAD
I
BATT
POWER
PB251-12CM
13.8V
16A
2A
220W
PB251-12CM-H
13.8V
20A
2A
275W
PB251-24CM
27.6V
11A
2A
300W
PB251-24CM-H
27.6V
12A
2A
330W
PB251-12RML
13.8V
20A
4A
275W
PB251-12B
13.8V
20A
4A
275W
PB251-24RML
27.6V
12A
2A
330W
Note: Non standard battery
charging current available on
request. ie PB251-12CM-H-10 for
10A.


Similar Part No. - PB251

ManufacturerPart #DatasheetDescription
logo
RFE international
PB2510 RFE-PB2510 Datasheet
2Mb / 3P
Bridge Rectifiers
12-16-2022
logo
Powerbox
PB251A-12B POWERBOX-PB251A-12B Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB251A-12RML POWERBOX-PB251A-12RML Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB251A-24B POWERBOX-PB251A-24B Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB251A-24RML POWERBOX-PB251A-24RML Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
More results

Similar Description - PB251

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
138 WATTS DC UPS
PBLDU-12C05CM POWERBOX-PBLDU-12C05CM Datasheet
679Kb / 4P
70 - 280 WATTS DC UPS LINEAR
logo
SL Power Electronics
MDT-160 SLPOWER-MDT-160 Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-220 SLPOWER-MDT-220 Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MTC-160 SLPOWER-MTC-160 Datasheet
89Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
logo
Sparkle Power Inc.
SPI350MB SPI-SPI350MB Datasheet
47Kb / 1P
330/350 Watts SFX12V Switching Power Supply
logo
XP Power Limited
AHE220 XPPOWER-AHE220 Datasheet
605Kb / 4P
220 Watts AHE220 Series AC-DC Power Supplies
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com