Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBP02424 Datasheet(PDF) 3 Page - Powerbox

Part # OBP02424
Description  200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

OBP02424 Datasheet(HTML) 3 Page - Powerbox

  OBP02424 Datasheet HTML 1Page - Powerbox OBP02424 Datasheet HTML 2Page - Powerbox OBP02424 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
349
Your dependable power partner – www.powerbox.com.au
Medline 300 Series
200-300 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Technical Illustration
SINGLE
MULTIPLE
P1(AC)
P2
P3
P5
P6
P7
MODEL/PIN
1
2
3
1
2
3
4
OBP02403
OBP02407
OBP02413
OBP02419
OBP02427
OBP02433
OBP02439
OBP02404
OBP02410
OBP02418
OBP02424
OBP02430
OBP02436
OBP02442
Live
Neutral
Ground
OUTPUT
#1
OUTPUT
#1 RET
OUTPUT
#2
OUTPUT
#2 RET
OUTPUT
#3
OUTPUT
#3 RET
OUTPUT
#4
OUTPUT
#4 RET
CONNECTOR P4
MODEL/PIN
1
2
3
4
5
6
7
8
9
10
OBP02403
OBP02407
OBP02413
OBP02419
OBP02427
OBP02433
OBP02439
OBP02404
OBP02410
OBP02418
OBP02424
OBP02430
OBP02436
OBP02442
SIGNAL
GROUND
+S
(Vo1)
-S
(Vo1)
PFD
INHIBIT
N.C.
N.C.
N.C.
OV
(FAN)
12V
(FAN)
Pin Connection ctnd
Note:
1. Dimensions shown in inches (mm)
2. Tolerance 0.02 (0.5) maximum
Input connector P1 is DT-35-B01W-03 screws are M3, Nickel plated
3. Connector P4 mates with Molex housing 50-37-5103 and pins 5263
4. Connectors P2, P3, P5 and P6: M3*0.5 screw connections
5. 12V (P4) is for DC fan rated 12V/0.1A
6. Weight 1.20 Kgs approx
Note:
1. Dimensions shown in inches (mm)
2. Tolerance 0.02 (0.5) maximum
3. Input connector P1 Dinkle is DT-35-B01W-03 screws are M3, Nickel plated
4. Connector P4 mates with Molex housing 50-37-5103 and pins 5263
5. Connectors P2, P3, P5 and P6: M3*0.5 screw connections
6. Output connector P7 mates Molex housing 09-50-3041 and Molex 2878 series
crimp terminal
7. 12V (P4) is for DC fan rated 12V/0.1A
8. Weight 1.20 Kgs approx



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com