Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHG2063-R1-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LHG2063-R1-PF
Description  BIPOLAR TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHG2063-R1-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LHG2063-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHG2063-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.T.Sol=260
℃±5℃
2.Dwell time= 10
±1sec.
Solderability Test
1.T.Sol=230
℃±5℃
2.Dwell time=5
±1sec
1.Ta=105
℃±5℃&-40℃±5℃
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
Solder Resistance
Test
High Temperature
High Humidity Test
1.Ta=65
℃±5℃
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to see soldering well
performed or not.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this test is the resistance
of the device under tropical for hours.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Low Temperature
Storage Test
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
Reliability Test:
Test Item
Test Condition
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
MIL-STD-883:1008
JIS C 7021: B-10
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
JIS C 7021: B-12
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Reference
Standard
Description
Page 6/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LHG2063/R1-PF
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com